Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Pressure transmitter for general applications, 0…25 bar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Type 8325
11 | 13
Visit product website 
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart
Standard variant with process connection G ½" B
Pressure range
Pressure max
Power supply
Output signal
Article no.
[bar]
[bar]
[V DC]
[mA]
0…0.10
1
10…30
4…20
569494 
0…0.16
1.5
10…30
4…20
569495 
0…0.25
2
10…30
4…20
570141 
0…0.40
1.2
8…36
4…20
569090 
0…0.60
1.8
8…36
4…20
569091 
0…1.00
3
8…36
4…20
569092 
0…1.60
4.8
8…36
4…20
569093 
0…2.50
7.5
8…36
4…20
569094 
0…4.00
12
8…36
4…20
569095 
0…6.00
18
8…36
4…20
569096 
0…10.0
20
8…36
4…20
569097 
0…16.0
32
8…36
4…20
569098 
0…25.0
50
8…36
4…20
569099 
Standard variant with process connection NPT ½" B
Pressure range
Pressure max
Power supply
Output signal
Article no.
[PSI]
[PSI]
[V DC]
[mA]
0…10
30
8…36
4…20
569100 
0…15
45
8…36
4…20
569101 
0…25
45
8…36
4…20
569102 
0…60
180
8…36
4…20
569103 
0…100
300
8…36
4…20
569104 
0…150
300
8…36
4…20
569176 
0…250
500
8…36
4…20
569177 
0…400
800
8…36
4…20
569178 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com