Electronic Components Datasheet Search
  English  ▼

X  

8750 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8750
Description  Flow rate controller for gases
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8750 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8750 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Type 8750
3 | 14
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 6.
Materials
Detailed information can be found in chapter “2. Materials” on page 4.
Design
Globe control valve with integrated flow measurement and control
Nominal diameter
DN 15…DN 100
Port connection
Flange according to DIN EN 1092 - 1, ANSI B 16.5 or JIS 10K
Safety setting in case of
power failure
Closed (Control function A)
Flow direction
Against closing direction (under seat)
Performance data
Operating pressure
Valve: 0 bar(g)…16 bar(g)
Nominal pressure (max.)
PN 25 (DIN EN 1333), Class 150 (DIN EN 1759)
Pilot pressure
5.5…7 bar (actuator M, N, P, see “ELEMENT version, actuator M (70 mm), N (90 mm), P (130 mm)”
on page 4)
5…6 bar (actuator L, see “CLASSIC version, actuator L (225 mm)” on page 5)
Optional on request: version for reduced control pressure from 3.5 bar
Seat leakage
acc. to DIN EN 60534 - 4
Leakage class VI for PTFE (soft sealing)
K
VS values
2.1 m³/h…140 m³/h, see “5.1. Fluidic data” on page 8
Operating characteristic
Linear or equal percentage
Theoretical range ability
Up to 50:1
Flow rate measurement
Measured variable
Volume flow, reference conditions programmable
Measuring principle
Differential pressure via orifice plate and pressure transmitter on the inlet and outlet side of the orifice
plate
Pressure measurement
ranges
0…100 mbar to 0…16 bar
Pressure measuring
principle
Piezoresistive
Pressure measuring error
≤ 0.5 % of full scale
Electrical data
Operating voltage
24 V DC ± 10 %
Max. residual ripple
10 %
Electrical connection
Operating voltage: circular connector M12x1, 4 pin
Analogue input/output signals (for setpoint and actual value): circular connector M12x1, 8 pin
Additionally for Bus communication: M12x1, 5 pin
Internal signals (for connecting the pressure transmitters): circular connector M8x1, 4 pin
Communication/signal
interface
Analogue (4…20 mA, 0…10 V) or digital (PROFIBUS DP)
Medium data
Medium
Air, oxygen, nitrogen, carbon dioxide, neutral gases, fuel gases
Medium temperature
- 10…80 °C
Control medium
Air or neutral gases acc. to DIN ISO 8573 - 1: dust Cl. 7 (< 40 µm), particle density Cl. 5 (< 10 mg/m³),
pressure dew point Cl. 3 (≤ 20 °C), oil conc. Cl. X (< 25 mg/m³)
Process/Port connection & communication
Pilot air ports
Threaded connection G ⅛, stainless steel
Approvals and certificates
Approval
Explosion protection: ATEX for zone 3G on request
Conformity
Materials in contact with medium conform to EG1935/2004 and FDA
Oxygen conformity for DN 15 (up to + 60 °C) on request
Fuel gases (seals according to EN549)
Certificate
2.2 or 3.1 certificate on request
Environment and installation
Ambient temperature
0…55 °C
Degree of protection
IP65 / IP67 acc. to EN 60529



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com