Electronic Components Datasheet Search
  English  ▼

X  

8750 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8750
Description  Flow rate controller for gases
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8750 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8750 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Type 8750
10 | 14
Visit product website 
7.2. Electrical connections
Multipole connection
Circular plug M12, 8 pin
Input signals from the control center
Output signals from the control center
Connection with 24 V DC circular plug-in connector
Circular plug M8, 4 pin
Pressure sensor P1, P2
Circular plug M12, 4 pin
Operating voltage
1
2
3
4
5
6
7
8
1
2
3
4
1
3
2
4
1
2
3
1
2
3
2
Circular plug M12, 8 pin
Pin
Wire colour1.) Assignment
Set-point value, digital input
8
Red
Set-point value + (0/4…20 mA / 0…5/10 V)
7
Blue
Set-point value GND
1
White
Digital input +
Input/output signals
6
Pink
Analogue position feedback +
5
Grey
Analogue position feedback GND
4
Yellow
Digital output 1
3
Green
Digital output 2
2
Brown
Digital outputs GND
1.) The colours indicated refer to the connection cable (919267) available as an accessory.
Circular plug M8, 4 pin (pressure sensor)
Pin
Wire colour
Assignment
Set-point value, digital input
1
Brown
+ 24 V pressure sensor power supply
2
White
4…20 mA output from pressure sensor
Circular plug M12, 4 pin (operating voltage)
Pin
Wire colour1.) Assignment
Set-point value, digital input
1
Brown
Operating voltage + 24 V DC
3
Blue
Operating voltage GND
1.) The colours indicated refer to the connection cable (919267) available as an accessory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com