Electronic Components Datasheet Search
  English  ▼

X  

8750 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8750
Description  Flow rate controller for gases
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8750 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8750 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Type 8750
4 | 14
Visit product website 
2.
Materials
2.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check
2.2. Material specifications
ELEMENT version, actuator M (70 mm), N (90 mm), P (130 mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
No. Element
Material
1
Pilot air ports
Push-in connector PP
2
Actuator
PPS
3
Cover
Stainless steel 1.4561 (316Ti)
4
Piston seal
FKM
5
Spring
Stainless steel 1.4310
6
Pipe
Stainless steel 1.4401 (316)
7
Spindle sealing
PTFE V-Rings (filled), with spring compensa-
tion
8
Spindle
Stainless steel 1.4401 (316)/1.4404 (316L)
9
Spindle guide
Stainless steel 1.4404 (316L), PTFE filled
10
Body seal
Graphite or PTFE
11
Control cone
Stainless steel 1.4571
12
Spring straight pin
Stainless steel 1.4310
13
Seat seal
PTFE
14
Valve seat with O-Ring
Stainless steel 1.4571, EPDM
15
Valve body
Stainless steel CF3M (316L)
–
Pipe for inlet and outlet section1.)
Stainless steel 1.4404 / 1.4435
–
Pressure sensor sleeve1.)
Stainless steel 1.4404
–
Connection flange1.)
Stainless steel 1.4404 (316L)
1.) Not shown in the drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com