| Electronic Components Datasheet Search |
|
8750 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8750 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 16 page ![]() Visit product website DATA SHEET Type 6281 Servo-assisted 2/2 way diaphragm valve Type 2100 Pneumatically operat- ed 2/2-way angle seat valve ELEMENT for de- centralized automation Type 8805 Ball valve / Butterfly valve with pneumatic rotary actuator Type 8653 AirLINE Field - the valve island optimised for process automation Type 8746 Mass flow controller (MFC) / Mass flow me- ter (MFM) for gases Type 8400 Screw-in temperature threshold detector/ transmitter with display 1000089368 | Standard | EU | en | 202111 | 11 Flow rate controller for gases • Reliable and automated flow control on site • Stable control of the set point, independent on pressure fluctuations • Programmable alarm functions (pressure monitoring) • Simple start-up by manual setpoint setting and display • Leckage air compensation programmable for dense phase conveying systems The flow rate controller type 8750 represents a closed flow control loop to measure and control gases using the differential pressure principle. The relia- ble and robust system consists of an ELEMENT control valve, type 2301, the compact process controller type 8693 put on top of the valve and two pres- sure transmitters, type 8325. The Bürkert flow rate controller does not need a separate flow meter. The valve seat serves as variable orifice. From the pressure difference across the valve and the given density and temperature a volume flow, referring to the conditions programmed, can be calculated. For that the process controller uses the flow characteristics of the valve and the scales of the pressure transmitters programmed. The volume flow set can then be adjusted by changing the stroke of the control valve. The flow rate controller offers a high repeatability and large measuring range. Beneficial is that the control itself is used for both, controling the flow and measuring over an orifice. With the variable orifice of the control valve the measurement range is increased significantly. Low assembly costs and easy commissioning are further advantages of this unique product. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 8750 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Similar Part No. - 8750 |
|
Similar Description - 8750 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |