Electronic Components Datasheet Search
  English  ▼

X  

8750 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 8750
Description  Flow rate controller for gases
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8750 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  8750 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Type 8750
2 | 14
Visit product website 
Table of contents
1. General technical data
3
2. Materials
4
2.1. Chemical Resistance Chart – Bürkert resistApp....................................................................................................................4
2.2. Material specifications ...........................................................................................................................................................4
ELEMENT version, actuator M (70 mm), N (90 mm), P (130 mm)..........................................................................................4
CLASSIC version, actuator L (225 mm) .................................................................................................................................5
Standard pressure transmitter ...............................................................................................................................................5
3. Approvals
5
4. Dimensions
6
4.1. Overall device ........................................................................................................................................................................6
4.2. Connection flange..................................................................................................................................................................7
5. Performance specifications
8
5.1. Fluidic data ............................................................................................................................................................................8
Flow characteristics of the control valve Type 2301..............................................................................................................8
Overview of fluidic data for flow under seat ..........................................................................................................................8
6. Product operation
9
6.1. Flow measurement principle..................................................................................................................................................9
7. Product installation
9
7.1. Piping upstream of the fluid flow regulator............................................................................................................................9
7.2. Electrical connections..........................................................................................................................................................10
PROFIBUS DP .....................................................................................................................................................................11
8. Ordering information
11
8.1. Bürkert eShop – Easy ordering and quick delivery..............................................................................................................11
8.2. Recommendation regarding product selection ...................................................................................................................12
8.3. Bürkert product filter............................................................................................................................................................12
8.4. Ordering chart for flange .....................................................................................................................................................12
8.5. Ordering chart accessories..................................................................................................................................................13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com