Electronic Components Datasheet Search
  English  ▼

X  

8750 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8750
Description  Flow rate controller for gases
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8750 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8750 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Type 8750
6 | 14
Visit product website 
4.
Dimensions
4.1. Overall device
Note:
Dimensions in mm
A
91
2 x DN
6 x DN
DN (pipe connection) Actuator size
Ø A
H
[mm]
[mm]
15
Ø70 (M) ELEMENT
91
383
25
Ø70 (M) ELEMENT
91
392
40
Ø90 (N) ELEMENT
120
478
50
Ø130 (P) ELEMENT
159
536
65
Ø130 (P) ELEMENT
159
590
80
Ø130 (P) ELEMENT
159
598
Ø225 (L) CLASSIC
261
640
100
Ø130 (P) ELEMENT
159
608
Ø225 (L) CLASSIC
261
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com