Electronic Components Datasheet Search
  English  ▼

X  

8750 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8750
Description  Flow rate controller for gases
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8750 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8750 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8750 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Type 8750
7 | 14
Visit product website 
4.2. Connection flange
Note:
Dimensions in mm
AF
LF
β
D
Nominal
diameter (pipe)
DIN EN 1092 PN 25
JIS 10K
DN
Ø DF LF
Ø BF AF
Ø D
A x α
Ø MF Ø DF LF
Ø BF AF
Ø D
A x α
Ø MF
15
95
300
65
16
14
4 x 90° 18.1
95
300
70
12
15
4 x 90° 18.1
25
115
500
85
18
14
4 x 90° 29.7
125
500
90
14
19
4 x 90° 29.7
40
150
700
110
18
18
4 x 90° 44.3
140
700
105
16
19
4 x 90° 44.3
50
165
800
125
20
18
4 x 90° 56.3
155
800
120
16
19
4 x 90° 56.3
65
185
1000
145
22
18
8 x 45° 66.0
175
1000
140
18
19
4 x 90° 71.5
80
200
1200
160
24
18
8 x 45° 81.0
185
1200
150
18
19
8 x 45° 84.3
100
235
1400
190
24
22
8 x 45° 100.0 292
1400
175
18
19
8 x 45° 109.1
Nominal
diameter (pipe)
ANSI B 16.5 Class 150
NPS
Ø DF LF
Ø BF AF
Ø D
A x α
Ø MF
½" (DN 15)
89
300
60.5
11.2
15.7
4 x 90° 15.7
1" (DN 25)
108
500
79.2
14.2
15.7
4 x 90° 26.7
1½" (DN 40)
127
700
98.6
17.5
15.7
4 x 90° 40.9
2" (DN 50)
152
800
120.7 19.1
19.1
4 x 90° 52.6
2½" (DN 65)
178
1000
139.7 22.3
19.1
4 x 90° 62.7
3" (DN 80)
190
1200
152.5 23.9
19.1
4 x 90° 78.0
4" (DN 100)
229
1400
190.5 23.9
19.1
8 x 45° 102.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com