Electronic Components Datasheet Search
  English  ▼

X  

M2040 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # M2040
Description  FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2040 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button M2040 Datasheet HTML 4Page - Integrated Circuit Systems M2040 Datasheet HTML 5Page - Integrated Circuit Systems M2040 Datasheet HTML 6Page - Integrated Circuit Systems M2040 Datasheet HTML 7Page - Integrated Circuit Systems M2040 Datasheet HTML 8Page - Integrated Circuit Systems M2040 Datasheet HTML 9Page - Integrated Circuit Systems M2040 Datasheet HTML 10Page - Integrated Circuit Systems M2040 Datasheet HTML 11Page - Integrated Circuit Systems M2040 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
M2040 Datasheet Rev 1.0
9 of 12
Revised 28Jan2005
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2040
FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
ELECTRICAL SPECIFICATIONS (CONTINUED)
AC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial), T
A = -40
oC to +85 oC (industrial), F
VCSO = 400-534,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max
Unit Conditions
F
IN
Input Frequency
DIF_REF1, nDIF_REF1,
DIF_REF0, nDIF_REF0
200
285
MHz
F
OUT
Output Frequency
FOUT1, nFOUT1, FOUT0, nFOUT0
200
534
MHz
APR
VCSO Pull-Range
Commercial
±120
±200
ppm
Industrial
±50
±150
ppm
PLL Loop
Constants 1
Note 1: Parameters needed for PLL Simulator software; see Table 7, External Loop Filter Component Values, on pg. 7.
K
VCO
VCO Gain
M2040-xx-400.0000
1600
kHz/V
M2040-xx-533.3334
800
kHz/V
R
IN
Internal Loop Resistor
NBW = 0
100
k
Ω
NBW = 1
2100
k
Ω
BW
VCSO
VCSO Bandwidth
700
kHz
Phase Noise
and Jitter
Φn
Single Side Band
Phase Noise
@622.08MHz
1
kHz Offset
-72
dBc/Hz
10
kHz Offset
-94
dBc/Hz
100
kHz Offset
-123
dBc/Hz
J(t)
Jitter (rms)
12
kHz to 20MHz
0.25
0.5
ps
50
kHz to 80MHz
0.25
0.5
ps
odc
Output Duty Cycle 2
Note 2: See Parameter Measurement Information on pg. 10.
F
OUT =200-285MHz P = 2 (P_SEL = 1)
45
50
55
%
F
OUT= 400-534MHz P = 1 (P_SEL = 0)
40
50
60
%
t
R
Output Rise Time 2
for FOUT1, nFOUT1,
FOUT0, nFOUT0
F
OUT =200-285MHz P = 2 (P_SEL = 1)
325
425
500
ps
20
% to 80%
F
OUT= 400-534MHz P = 1 (P_SEL = 0)
200
275
350
ps
t
F
Output Fall Time 2
for FOUT1, nFOUT1,
FOUT0, nFOUT0
F
OUT =200-285MHz P = 2 (P_SEL = 1)
325
425
500
ps
20
% to 80%
F
OUT= 400-534MHz P = 1 (P_SEL = 0)
200
275
350
ps
t
LOCK
PLL Lock Time
100
ms
Table 11: AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com