Electronic Components Datasheet Search
  English  ▼

X  

M2040 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M2040
Description  FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2040 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M2040 Datasheet HTML 1Page - Integrated Circuit Systems M2040 Datasheet HTML 2Page - Integrated Circuit Systems M2040 Datasheet HTML 3Page - Integrated Circuit Systems M2040 Datasheet HTML 4Page - Integrated Circuit Systems M2040 Datasheet HTML 5Page - Integrated Circuit Systems M2040 Datasheet HTML 6Page - Integrated Circuit Systems M2040 Datasheet HTML 7Page - Integrated Circuit Systems M2040 Datasheet HTML 8Page - Integrated Circuit Systems M2040 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product Data Sheet
M2040 Datasheet Rev 1.0
Revised 28Jan2005
Integr a t ed Cir cui t S ystems , Inc . ● N e tw or kin g & C o mm un icat ion s ● www. icst.com ● te l (5 08 ) 85 2-5 4 0 0
M2040
FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
Integrated
Circuit
Systems, Inc.
GENERAL DESCRIPTION
The M2040 is a VCSO (Voltage Controlled SAW
Oscillator) based clock generator
PLL designed for clock protection,
frequency translation and jitter
attenuation in fault tolerant
computing applications. It features
dual differential inputs with two
modes of input selection: manual
and automatic upon clock failure. The clock
multiplication ratios and output divider ratio are
pin selectable. External loop components allow the
tailoring of PLL loop response.
FEATURES
◆ Integrated SAW (surface acoustic wave) delay line;
VCSO frequency of 400.00 or 533.3334 MHz;* outputs
VCSO frequency or half; pin-configurable dividers
◆ Loss of Lock (LOL) indicator output
◆ Narrow Bandwidth control input (NBW Pin);
Initialization (INIT) input overrides NBW at power-up
◆ Dual reference clock inputs support LVDS, LVPECL,
LVCMOS, LVTTL
◆ Automatic (non-revertive) reference clock reselection
upon clock failure; controlled PLL slew rate ensures
normal system operation during reference reselection
◆ Acknowledge pin indicates the actively selected
reference input
◆ Dual differential LVPECL outputs
◆ Low phase jitter of < 0.5ps rms, typical
(12kHz to 20MHz or 50kHz to 80MHz)
◆ Industrial temperature available
◆ Single 3.3V power supply
◆ Small 9 x 9 mm SMT (surface mount) package
PIN ASSIGNMENT (9 x 9 mm SMT)
Figure 1: Pin Assignment
* Specify VCSO center frequency at time of order.
SIMPLIFIED BLOCK DIAGRAM
Figure 2: Simplified Block Diagram
Example Input / Output Frequency Combinations
Input (MHz) VCSO * (MHz)
Output (MHz)
200.0000
400.0000
200.0000
213.3333
400.0000
266.6667
533.3334
266.6667
284.4444
533.3334
Table 1: Example Input / Output Frequency Combinations
M 2 040
(Top V i ew)
18
17
16
15
14
13
12
11
10
28
29
30
31
32
33
34
35
36
P_SEL
INIT
nFOUT0
FOUT0
GND
nFOUT1
FOUT1
VCC
GND
FIN_SEL0
MR_SEL
REF_ACK
LOL
NBW
VCC
DNC
DNC
DNC
Loop Filter
PLL
Phase
Detector
MR_SEL
FIN_SEL1:0
R Div
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
Mfin Divider
LUT
Mfin Divider
M Div
FOUT0
nFOUT0
P Divider
P_SEL
NBW
M / R Divider
LUT
DIF_REF1
nDIF_REF1
Auto
Ref Sel
0
1
LOL
Phase
Detector
REF_ACK
AUTO
INIT
LOL
FOUT1
nFOUT1
M2040
2
VCSO
M2040 Frequency Translation PLL with AutoSwitch


Similar Part No. - M2040

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2041E2A1 NKK-M2041E2A1 Datasheet
1Mb / 28P
General Specifications
M2041E2A2 NKK-M2041E2A2 Datasheet
1Mb / 28P
General Specifications
M2041E2D1 NKK-M2041E2D1 Datasheet
1Mb / 28P
General Specifications
M2041E2D3 NKK-M2041E2D3 Datasheet
1Mb / 28P
General Specifications
M2041E2D4 NKK-M2041E2D4 Datasheet
1Mb / 28P
General Specifications
More results

Similar Description - M2040

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Rev 0.4
M1040 ICST-M1040 Datasheet
436Kb / 12P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 0.1
logo
Vectron International, ...
FX-200 VECTRON-FX-200 Datasheet
199Kb / 4P
Frequency Translation Products
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
M1025 ICST-M1025 Datasheet
340Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
PLL Frequency Synthesizer with Serial Interface
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
PLL Frequency Synthesizer with Integrated VCO
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Analog Devices
ADF4401A AD-ADF4401A Datasheet
914Kb / 39P
Translation Loop, PLL, VCO Module
12/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com