Electronic Components Datasheet Search
  English  ▼

X  

MAX6972 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6972 Datasheet HTML 1Page - Maxim Integrated Products MAX6972 Datasheet HTML 2Page - Maxim Integrated Products MAX6972 Datasheet HTML 3Page - Maxim Integrated Products MAX6972 Datasheet HTML 4Page - Maxim Integrated Products MAX6972 Datasheet HTML 5Page - Maxim Integrated Products MAX6972 Datasheet HTML 6Page - Maxim Integrated Products MAX6972 Datasheet HTML 7Page - Maxim Integrated Products MAX6972 Datasheet HTML 8Page - Maxim Integrated Products MAX6972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX6972/MAX6973 precision current-sinking,
16-output PWM LED drivers drive red, green, and/or blue
LEDs for full-color graphic message boards and video
displays. Each output has an individual 12-bit (MAX6972)
or 14-bit (MAX6973) PWM-intensity (hue) control and
7-bit (MAX6972) or 5-bit (MAX6973) global PWM intensity
(luminance) control. The MAX6972/MAX6973 also fea-
ture open-circuit LED fault-detection circuitry, as well as
a watchdog timer.
The driver has two banks of eight outputs, with each bank
intended to drive a different color in RGB applications.
The standard application uses three MAX6972/
MAX6973s to drive eight RGB LEDs. The full-scale current
for each bank of eight outputs is adjustable from 11mA
to 55mA in 256 steps (0.3125% per step) to calibrate
each color.
The MAX6972/MAX6973 can optionally multiplex by
using outputs MUX0 and MUX1, which each drive an
external pnp transistor. Multiplexing doubles the
MAX6972/MAX6973 drive capability to 32 LEDs.
The MAX6972/MAX6973 operate from a 3.0V to 3.6V
power supply. The LED power supply can range from
3V to 7V. The LED drivers require only 0.8V headroom
above the LEDs’ forward-voltage drop. Using a sepa-
rate LED supply voltage for each LED minimizes power
consumption.
The serial interface uses differential signaling for the
high-speed clock and data signals to reduce EMI and
improve signal integrity. The MAX6972/MAX6973 buffer
all interface signals to simplify cascading devices in
modules that use a large number of drivers.
An internal watchdog timer, when enabled, automatically
clears the pixel-data registers and blanks the display if
any of the signal inputs fail to toggle within 40ms.
The MAX6972/MAX6973 are available in 32-pin TQFN
packages and operate over the -40°C to +125°C
temperature range.
Refer to the MAX6974/MAX6975 data sheet for a
24-output, 6mA to 30mA software-compatible device.
EZCascade is a trademark of Maxim Integrated Products, Inc.
Applications
LED Video Display Panels
LED Message Boards
Variable Message Signs (VMS)
Signs
Graphic Panels
Features
♦ 16 LED Current Sink Outputs (Two Banks of Eight
Outputs)
♦ 32 LED Drive Option When Multiplexing
♦ 33MHz Clock Supports Up to 63 Frames per
Second of Video
♦ Constant Output Current Calibration from 11mA
to 55mA in 256 Steps
♦ EZCascade™ Interface Simplifies Multiple Driver
Cascading Without External Buffers
♦ 12-Bit or 14-Bit Individual PWM LED Intensity
Controls
♦ 7-Bit or 5-Bit Panel PWM-Intensity Control
♦ +3V to +7V LED Power Supply
♦ +3.0V to +3.6V Logic Supply
♦ Open-Circuit LED Fault Detection
♦ Optional Watchdog Timer Blanks Display if
Interface Fails
♦ Standard -40°C to +125°C Operating Temperature
Range
16-Output PWM LED Drivers
for Message Boards
________________________________________________________________ Maxim Integrated Products
1
MAX6972ATJ
MAX6973ATJ
TQFN
5mm x 5mm
TOP VIEW
29
30
28
27
12
11
13
14
1
+
2
Z4
45
6
7
23
24
22
20
19
18
Z3
Z2
Y5
Y4
Y3
Y2
3
21
31
10
Z1
Y1
32
9
Z0
Y0
Z5
26
15
Y6
Z6
25
16
Y7
EP*
*EP = EXPOSED PADDLE.
8
17
Z7
Pin Configuration
Ordering Information
19-0534; Rev 0; 5/06
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX6972ATJ+
-40°C to +125°C
32 TQFN-EP*
T3255-5
MAX6973ATJ+
-40°C to +125°C
32 TQFN-EP*
T3255-5
Typical Operating Circuit appears at the end of data sheet.
*EP = Exposed paddle.
+Denotes lead-free package.


Similar Part No. - MAX6972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX697 MAXIM-MAX697 Datasheet
481Kb / 12P
Microprocessor Supervisory Circuits
1989
MAX6970 MAXIM-MAX6970 Datasheet
304Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971 MAXIM-MAX6971 Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971ANG MAXIM-MAX6971ANG Datasheet
304Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results

Similar Description - MAX6972

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGD175 TOSHIBA-TLGD175 Datasheet
186Kb / 4P
2 CHIP LED LAMP FOR MESSAGE BOARD
01-Jun-2001
logo
Maxim Integrated Produc...
MAX6974 MAXIM-MAX6974 Datasheet
486Kb / 23P
24-Output PWM LED Drivers for Message Boards
Rev 0; 5/06
MAX6974 MAXIM-MAX6974_07 Datasheet
301Kb / 23P
24-Output PWM LED Drivers for Message Boards
Rev 2; 10/07
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
MicroPower Direct, LLC
LD24E MPD-LD24E Datasheet
288Kb / 2P
Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
MicroPower Direct, LLC
LD24E-XX-XXX MPD-LD24E-XX-XXX Datasheet
288Kb / 2P
Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
logo
SHENZHEN FUMAN ELECTRON...
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com