Electronic Components Datasheet Search
  English  ▼

X  

MAX6972 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6972 Datasheet HTML 1Page - Maxim Integrated Products MAX6972 Datasheet HTML 2Page - Maxim Integrated Products MAX6972 Datasheet HTML 3Page - Maxim Integrated Products MAX6972 Datasheet HTML 4Page - Maxim Integrated Products MAX6972 Datasheet HTML 5Page - Maxim Integrated Products MAX6972 Datasheet HTML 6Page - Maxim Integrated Products MAX6972 Datasheet HTML 7Page - Maxim Integrated Products MAX6972 Datasheet HTML 8Page - Maxim Integrated Products MAX6972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
16-Output PWM LED Drivers
for Message Boards
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1,17
VDD
Positive Supply Voltage. Bypass VDD to GND with a 0.1µF ceramic capacitor.
2
MUX0
Multiplex 0 Active-Low, Open-Drain Output. Use MUX0 to drive a pnp transistor.
3
CLKI+
PWM and Serial-Interface Noninverting Clock LVDS Input
4
CLKI-
PWM and Serial-Interface Inverting Clock LVDS Input
5
DIN+
Serial-Interface Noninverting Data LVDS Input
6
DIN-
Serial-Interface Inverting Data LVDS Input
7
LOADI
Serial-Interface Load CMOS Input
8
I.C.
Internally Connected. Connect to GND.
9–16
Y0–Y7
Y LED Drive Outputs. Y0 to Y7 are open-drain, constant-current sinks.
18
LOADO
Serial-Interface Load CMOS Output
19
DOUT-
Serial-Interface Inverting Data LVDS Output
20
DOUT+
Serial-Interface Noninverting Data LVDS Output
21
CLKO-
PWM and Serial-Interface Inverting Clock LVDS Output
22
CLKO+
PWM and Serial-Interface Noninverting Clock LVDS Output
23
MUX1
Multiplex 1 Active-Low, Open-Drain Output. Use MUX1 to drive a pnp transistor.
24
AGND
Analog Ground. Connect to GND.
25–32
Z7–Z0
Z LED Drive Outputs. Z0 to Z7 are open-drain, constant-current sinks.
EP
GND
Power Ground. Exposed pad on package underside must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com