Electronic Components Datasheet Search
  English  ▼

X  

MAX6972 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX6972 Datasheet HTML 14Page - Maxim Integrated Products MAX6972 Datasheet HTML 15Page - Maxim Integrated Products MAX6972 Datasheet HTML 16Page - Maxim Integrated Products MAX6972 Datasheet HTML 17Page - Maxim Integrated Products MAX6972 Datasheet HTML 18Page - Maxim Integrated Products MAX6972 Datasheet HTML 19Page - Maxim Integrated Products MAX6972 Datasheet HTML 20Page - Maxim Integrated Products MAX6972 Datasheet HTML 21Page - Maxim Integrated Products MAX6972 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Data Segment
The bit length of the data segment received by the
MAX6972/MAX6973 is dependent on the command
specified in the header.
The load CALDAC command has two unique data
bytes, while load global-intensity PDM and load
configuration each have one byte of data repeated
once. The CALDAC data within the command load
CALDAC is sent with Z CALDAC data first followed by
Y CALDAC data, as shown in Table 8.
The data segment of the load individual PWM command
has a variable length depending on specific device and
configuration settings. The data is always organized
as Z driver data first in the order of Z7 first to Z0 last
(MSB first), followed by the Y driver data in the same
order of Y7 to Y0 (MSB first).
Tail Segment
The MAX6972/MAX6973 allow for an optional string of
data bits to be transmitted following all device data
bits, which is referred to as the tail segment. The data
bits of the tail segment are clocked back to the host,
following the header, from the last device in a cascaded
chain. The number of bits in the tail segment is optional.
The tail carries no device-specific data on DIN, but
provides feedback confirmation to the host that all data
bits were extracted by all devices in the cascade chain.
16-Output PWM LED Drivers
for Message Boards
18
______________________________________________________________________________________
HEADER
DATA 1
DATA 2
DATA 3
…
DATA N
HDR[23:0]
Z[7:0] Y[7:0]
Z[7:0] Y[7:0]
Z[7:0] Y[7:0]
…
Z[7:0] Y[7:0]
Table 8. Serial Format for Load CALDAC
HEADER
DATA 1
DATA 2
DATA 3
…
DATA N
HDR[23:0]
D[7:0] D[7:0]
D[7:0] D[7:0]
D[7:0] D[7:0]
…
D[7:0] D[7:0]
Table 9. Serial Format for Load Global-Intensity PDM
HEADER
DATA 1
DATA 2
DATA 3
…
DATA N
HDR[23:0]
D[7:0] D[7:0]
D[7:0] D[7:0]
D[7:0] D[7:0]
…
D[7:0] D[7:0]
Table 10. Serial Format for Load Configuration
HEADER
DATA 1
DATA 2
DATA 3
…
DATA N
HDR[23:0]
Z7, Z6, …Y0
Z7, Z6, …Y0
Z7, Z6, …Y0
…
Zn…Yn
Table 11. Serial Format for Load Individual PWM (Nonmultiplexed)
HEADER
DATA 1
DATA 2
DATA 3
…
DATA N
HDR[23:0]
Z7, Z7', Z6, Z6', …Y0'
Z7, Z7', Z6, Z6', …Y0'
Z7, Z7', Z6, Z6', …Y0'
…
Z7, Z7', Z6, Z6', …Y0'
Table 12. Serial Format for Load Individual PWM (Multiplexed)
Z[7:0]
8-bit data loaded into port Z CALDAC
Y[7:0]
8-bit data loaded into port Y CALDAC
N
Number of cascaded devices
D[7:0]
Send the same data repeated (16 total bits) for the 8-bit data for global-intensity PDM
Send the 8-bit data for the global-intensity PDM twice (16 total bits)
D[7:0]
Send the same data repeated (16 total bits) for the 8-bit data for configuration
Send the 8-bit configuration data two times (16 total bits)
Z_…Y_
12-bit (MAX6972) or 14-bit (MAX6973) data each
Z_
12-bit (MAX6972) or 14-bit (MAX6973) PWM data for each output Z_ during multiplex phase MUX0, MSB first
Z_'
12-bit (MAX6972) or 14-bit (MAX6973) PWM data for each output Z_ during multiplex phase MUX1, MSB first
Y_
12-bit (MAX6972) or 14-bit (MAX6973) PWM data for each output Y_ during multiplex phase MUX0, MSB first
Y_'
12-bit (MAX6972) or 14-bit (MAX6973) PWM data for each output Y_ during multiplex phase MUX1, MSB first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com