Electronic Components Datasheet Search
  English  ▼

X  

MAX6972 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6972 Datasheet HTML 1Page - Maxim Integrated Products MAX6972 Datasheet HTML 2Page - Maxim Integrated Products MAX6972 Datasheet HTML 3Page - Maxim Integrated Products MAX6972 Datasheet HTML 4Page - Maxim Integrated Products MAX6972 Datasheet HTML 5Page - Maxim Integrated Products MAX6972 Datasheet HTML 6Page - Maxim Integrated Products MAX6972 Datasheet HTML 7Page - Maxim Integrated Products MAX6972 Datasheet HTML 8Page - Maxim Integrated Products MAX6972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
16-Output PWM LED Drivers
for Message Boards
_______________________________________________________________________________________
3
Note 1: All parameters tested at TA = +85°C. Specifications over temperature are guaranteed by design.
Note 2: Specification limits apply to devices at the same TA for TA = TMIN to TMAX.
Note 3: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Low Voltage MUX_
VOLM
ISINK = 40mA
0.4
V
Open-Circuit Detection
VOCD
200
mV
Output Slew Time
Y0–Y7, Z0–Z7
80% to 20%, load = 50pF,
calibration DACs set to 0xFF
100
ns
TA = +85°C
54
55
56
Full-Scale Port Output Current
Y0–Y7, Z0–Z7
ISINKFS
VDD = 3.3V, VO = 1.2V,
calibration DACs set to 0xFF
TA = TMIN to TMAX
52.5
55
58.0
mA
TA = +125°C
(Note 3)
±0.5
±1.8
TA = +85°C
±0.5
±1.2
Port-to-Port Current Matching
Y0–Y7, Z0–Z7
∆ISINK
VDD = 3.3V, VO = 1.2V,
calibration DACs set to 0xFF
ISINK = 55mA (Note 2)
TA = -40°C
(Note 3)
±0.7
±2.3
%
Device-to-Device Current Matching
Y0–Y7, Z0–Z7
∆IAVG
VDD = 3.3V, VO = 1.2V, calibration DACs set to 0xFF,
ISINK = 55mA, TA = +85°C (Note 3)
±1
±2
%
TA = +85°C
31.0
33
35.5
Half-Scale Port Output Current
Y0–Y7, Z0–Z7
ISINKHS
VDD = 3.3V, VO = 1.2V,
calibration DACs set to 0x80
TA = TMIN to TMAX
30.0
33
36.5
mA
TA = +85°C
0.3
1.15
Output Load Regulation
∆IOLR
VDD = 3.3V, VO = 1.2V to
3.0V, calibration DACs set to
0x80, ISINK = 33mA
TA = TMIN to TMAX
1.5
mA/V
TA = +85°C
0.6
1.7
Output Power-Supply Rejection
∆IOPSR
VDD = 3.0 V to 3.6V,
VO = 1.2V, calibration DACs
set to 0x80, ISINK = 33mA
TA = TMIN to TMAX
2.0
mA/V
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLKI_ Input Frequency
fCLKI
33
MHz
CLKI_ Duty Cycle
40
60
%
CLKO_ Output Delay
tPD-CLKO
16
ns
DIN_ Setup Time
tSU-DIN
0.5
ns
DIN_ Hold Time
tHD-DIN
5ns
DOUT_ Output Delay
tPD-DOUT
15
ns
LOADO Output Delay
tPD-LOADO
18
ns
LOADI Setup Time
tSU-LOADI
-3
ns
LOADI Hold Time
tHD-LOADI
8ns
Watchdog Period
When enabled
40
125
300
ms
TIMING CHARACTERISTICS
(VDD = 3.0V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at 3.3V, TA = +85°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com