Electronic Components Datasheet Search
  English  ▼

X  

MAX6972 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6972 Datasheet HTML 10Page - Maxim Integrated Products MAX6972 Datasheet HTML 11Page - Maxim Integrated Products MAX6972 Datasheet HTML 12Page - Maxim Integrated Products MAX6972 Datasheet HTML 13Page - Maxim Integrated Products MAX6972 Datasheet HTML 14Page - Maxim Integrated Products MAX6972 Datasheet HTML 15Page - Maxim Integrated Products MAX6972 Datasheet HTML 16Page - Maxim Integrated Products MAX6972 Datasheet HTML 17Page - Maxim Integrated Products MAX6972 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Commands
The MAX6972/MAX6973 have four commands used to
load all operating mode and LED output current data.
Each command is uniquely identified by two bits, C1
and C0, embedded in the serial-interface protocol
structure. The commands Load CALDAC, Load Global-
Intensity PDM, and Load Configuration each require 16
bits of data (2 bytes) for every cascaded device. The
number of bits required for the command load individual
PWM varies by device and multiplex mode of operation.
Each cascaded device can receive unique data for
CALDACs, global intensity, configuration, and individual
PWM output drivers. Generally, all cascaded devices
are operated in the same configuration mode. The data
bytes are transmitted MSB first for all commands. The
commands are communicated to all cascaded devices
by the host using the synchronous serial-interface and
protocol structure (see the Serial Interface section for
details). The four commands and the data lengths for
each command are shown in Table 4.
The MAX6972, operating in nonmultiplexed mode,
requires sixteen 12-bit individual PWM data (192 bits
total) and requires thirty-two 12-bit data (384 bits total)
in multiplexed operation mode. Similarly, the MAX6973
operating in nonmultiplexed mode requires sixteen 14-bit
individual-intensity PWM data (224 bits total) and
requires thirty-two 14-bit (448 bits total) data in multi-
plexed mode. The individual PWM data are loaded into
an intermediate latch and transferred to the actual
PWM latches at subframe 0 and PWM clock 0.
Both Y and Z calibration DACs are loaded with 8-bit
data each in nonmultiplexed and multiplexed modes.
Data is updated immediately into the CALDAC latches
(see Table 8).
The MAX6972/MAX6973 require one data byte to set the
global-intensity PDM for all output drivers. The global-
intensity PDM data has a variable number of active bits
depending on the multiplex operating mode and, for
the MAX6973, the global-quarter setting. The number of
bits used for global-intensity control is always justified
to the LSB of the data byte, as shown in Table 5. One
byte of data is sent twice with the global-intensity PDM
data bits justified to the LSB. Data is updated into the
PWM latches at subframe 0 and PWM clock 0 (see
Table 9).
When using the MAX6973 5-bit global-intensity setting,
the settings range from 0 to 63 to set the global intensity
from 1 to 64 subframes ON to 64 out of 64 subframes ON.
When using the MAX6972 7-bit global-intensity setting,
the settings range from 0 to 127 to set the global inten-
sity from 1 out of 128 subframes ON to 128 out of 128
subframes ON.
16-Output PWM LED Drivers
for Message Boards
14
______________________________________________________________________________________
CMD[1:0]
C1
C0
COMMAND
DATA LENGTH PER CASCADED DEVICE
192 bits (MAX6972 nonmultiplexed)
384 bits (MAX6972 multiplexed)
224 bits (MAX6973 nonmultiplexed)
00
Load individual PWM
448 bits (MAX6973 multiplexed)
01
Load CALDAC
16 bits
10
Load global-intensity PDM
16 bits
11
Load configuration
16 bits
Table 4. Commands and Data Length
PART
GLB4
MUX
TOTAL BITS
MSB D7
D6
D5
D4
D3
D2
D1
LSB D0
X0
70
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
MAX6972
X1
60
0
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
00
50
00
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
01
40
00
0
Bit[3]
Bit[2]
Bit[1]
Bit[0]
10
30
00
00
Bit[2]
Bit[1]
Bit[0]
MAX6973
11
20
00
000
Bit[1]
Bit[0]
Table 5. Global-Intensity Data Bit Justification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com