Electronic Components Datasheet Search
  English  ▼

X  

MAX6972 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6972 Datasheet HTML 9Page - Maxim Integrated Products MAX6972 Datasheet HTML 10Page - Maxim Integrated Products MAX6972 Datasheet HTML 11Page - Maxim Integrated Products MAX6972 Datasheet HTML 12Page - Maxim Integrated Products MAX6972 Datasheet HTML 13Page - Maxim Integrated Products MAX6972 Datasheet HTML 14Page - Maxim Integrated Products MAX6972 Datasheet HTML 15Page - Maxim Integrated Products MAX6972 Datasheet HTML 16Page - Maxim Integrated Products MAX6972 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Setting configuration bit D0 to 1 enables multiplex
operation. MUX0 and MUX1 alternate the LED anode
drive voltage between two sets of LEDs. The Y and Z
ports provide individual PWM control during alternate
MUX cycles as shown in Figure 3. The alternating MUX
cycles reduce the global-intensity resolution (the num-
ber of subframes) by half, which reduces the average
LED current by half.
Watchdog
A selectable watchdog timer monitors serial-interface
inputs CLKI, DIN, and LOADI. Enabling the watchdog
timer requires that CLKI, DIN, and LOADI toggle at
least once every 40ms. If any of these transitions fails to
occur, then the individual-intensity PWM data latches
clear. This condition effectively blanks the LEDs.
Update the individual-intensity PWM data registers to
turn the LEDs back on. The watchdog timeout does not
affect the calibration or global-intensity data, the clock
synchronization, or multiplexed/nonmultiplexed setting.
Use the watchdog functionality in safety-critical appli-
cations where a blanked display is safer than an incor-
rect display.
LED Open-Circuit and
Overtemperature Detection
The MAX6972/MAX6973 feature two fault detection func-
tions: open-circuit LED outputs and overtemperature. An
LED open-circuit is detected on driver outputs by moni-
toring for output voltages below 200mV. When an open
circuit is detected, the MAX6972/MAX6973 increments
a fault counter included in the serial-interface protocol
that can be routed back to the host transmitter for diag-
nostics. Any number of open-circuit LEDS, multiplexed
or nonmultiplexed, can be detected, however only one
counter increment occurs per device.
The MAX6972/MAX6973 detect die temperatures
above TDIE = +165°C and disable all output drivers by
setting all PWM data to zero. The fault counter in the
serial-interface protocol is incremented by one count
for each cascaded device with an overtemperature
condition. The output drivers are turned back on when
the die temperature falls below TDIE = +150°C. The
fault counter value is distinguished between LED open-
circuit and overtemperature conditions by the serial-
interface command used at the time of detection (see
the Serial Interface section for more details).
16-Output PWM LED Drivers
for Message Boards
______________________________________________________________________________________
13
PART
MUX
BIT
OPERATION
PWM
RES.
TOTAL CLOCKS PER
PWM SUBFRAME
USEABLE CLOCKS PER
PWM SUBFRAME
MAXIMUM PWM
DUTY CYCLE
0
Nonmultiplex
MAX6972
1
Multiplex
12 bits
4096
4064
4064 / 4096 = 99.22%
0
Nonmultiplex
MAX6973
1
Multiplex
14 bits
16,384
16,320
16,320 / 16,384 = 99.61%
Table 3. MAX6972/MAX6973 Timing Comparison
PART
GLB4
BIT
MUX
BIT
OPERATION
GLOBAL
PDM
RES.
SUBFRAMES
PER FRAME
CLOCKS
PER
FRAME
CLOCK
FREQUENCY (MHz)
FOR 50fps
CLOCK
FREQUENCY (MHz)
FOR 60fps
X0
Nonmultiplex
7 bits
128
MAX6972
X1
Multiplex
6 bits
64
524,288
26.2144
31.45728
0
Nonmultiplex
5 bits
32
0
1
Multiplex
4 bits
16
524,288
26.2144
31.45728
0
Nonmultiplex
3 bits
8
MAX6973
1
1
Multiplex
2 bits
4
131,072
6.5536
7.8643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com