Electronic Components Datasheet Search
  English  ▼

X  

MAX6972 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6972
Description  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6972 Datasheet HTML 1Page - Maxim Integrated Products MAX6972 Datasheet HTML 2Page - Maxim Integrated Products MAX6972 Datasheet HTML 3Page - Maxim Integrated Products MAX6972 Datasheet HTML 4Page - Maxim Integrated Products MAX6972 Datasheet HTML 5Page - Maxim Integrated Products MAX6972 Datasheet HTML 6Page - Maxim Integrated Products MAX6972 Datasheet HTML 7Page - Maxim Integrated Products MAX6972 Datasheet HTML 8Page - Maxim Integrated Products MAX6972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
16-Output PWM LED Drivers
for Message Boards
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages with respect to GND.)
VDD ........................................................................-0.3V to +4.0V
Y0–Y7, Z0–Z7, MUX0, and MUX1 .........................-0.3V to +8.0V
All Other Pins..............................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFN (derate 34.5mW/°C over +70°C) ..........2857mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VDD
3.0
3.6
V
LEDs Anode Voltage
(Y0–Y7, Z0–Z7, MUX0, and MUX1)
VO
7V
fCLKI = 0Hz; CLKO_, DOUT_ loaded 200
Ω;
calibration DACs set to 0x01
21
35
fCLKI = 0Hz; CLKO_, DOUT_ loaded 200
Ω;
calibration DACs set to 0xFF
40
55
Supply Current
IDD
fCLKI = 32MHz; CLKO_, DOUT_ loaded 200
Ω;
calibration DACs set to 0xFF
42
60
mA
Input High Voltage LOADI
VIHC
0.7
x VDD
V
Input Low Voltage LOADI
VILC
0.3
x VDD
V
Differential Input Voltage Range
CLKI_, DIN_
VID
±0.15
±1.20
V
Common-Mode Input Voltage
CLKI_, DIN_
VCM
|VID / 2|
2.4
V
Differential Input High Threshold
VDIFFTH
8
65
mV
Differential Input Low Threshold
VDIFFTL
-65
-8
mV
Differential Output Voltage
CLKO_, DOUT_
VOD
Termination 200
Ω at receiver _+ and _- inputs
±190
±550
mV
Differential Output Offset
CLKO_, DOUT_
VOS
Termination 200
Ω at receiver _+ and _- inputs
1.125
1.25
1.375
V
Input Leakage Current
CLKI_, DIN_, LOADI
IIH, IIL
-1
+1
µA
Input Capacitance
CLKI_, DIN_, LOADI
10
pF
Output Low Voltage LOADO
VOLC
ISINK = 5mA
0.05
0.25
V
Output High Voltage LOADO
VOHC
ISOURCE = 5mA
VDD
- 0.5
VDD
- 0.2
V
Output Slew Time LOADO
20% to 80%, 80% to 20%, load = 10pF
3
ns
ELECTRICAL CHARACTERISTICS
(VDD = 3.0V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +85°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com