Electronic Components Datasheet Search
  English  ▼

X  

TMD3719 Datasheet(PDF) 69 Page - OSRAM GmbH

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3719 Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button TMD3719 Datasheet HTML 65Page - OSRAM GmbH TMD3719 Datasheet HTML 66Page - OSRAM GmbH TMD3719 Datasheet HTML 67Page - OSRAM GmbH TMD3719 Datasheet HTML 68Page - OSRAM GmbH TMD3719 Datasheet HTML 69Page - OSRAM GmbH TMD3719 Datasheet HTML 70Page - OSRAM GmbH TMD3719 Datasheet HTML 71Page - OSRAM GmbH TMD3719 Datasheet HTML 72Page - OSRAM GmbH TMD3719 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
Page 68
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-12
TMD3719 − Register O ver view
Figure 76:
STATUS4
Note(s):
1. Return to the Register Map (0xBA)
Addr: 0xBA
STATUS4
Bit
Field
Reset
Type
Bit Description
7
OSCCAL_SAT
0
R
Oscillator Calibration Saturation.
6Reserved
0
5
OSCCAL_FINISHED
0
R
Oscillator Calibration Finished.
4
FD_SAT_DETECTED
0
R
Flicker Saturation Detected. Indicates that
saturation occurred during the last flicker
detection measurement, and the result may not
be valid. Write 1 to this bit to clear this field.
3FD_BUSY
0
R
Flicker Detection Busy. Indicates flicker
detection is in progress.
2
FD_TRIG_ERROR
0
R
Flicker Detect Trigger Error. Indicates that
there is a timing error that prevents flicker
detect from functioning correctly.
1
PROX_TRIG_ERROR
0
R
Proximity Trigger Error. Indicates that there is a
timing error that prevents proximity from
functioning correctly. The number of pulses
and/or pulse length are too long for the PTIME
configured for the device.
0
MOD_TRIG_ERROR
0
R
Modulator Trigger Error. Indicates that there is
a timing error that prevents ALS from
functioning correctly. The WTIME is too short for
the ATIME configured for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com