Electronic Components Datasheet Search
  English  ▼

X  

TMD3719 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3719 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TMD3719 Datasheet HTML 31Page - OSRAM GmbH TMD3719 Datasheet HTML 32Page - OSRAM GmbH TMD3719 Datasheet HTML 33Page - OSRAM GmbH TMD3719 Datasheet HTML 34Page - OSRAM GmbH TMD3719 Datasheet HTML 35Page - OSRAM GmbH TMD3719 Datasheet HTML 36Page - OSRAM GmbH TMD3719 Datasheet HTML 37Page - OSRAM GmbH TMD3719 Datasheet HTML 38Page - OSRAM GmbH TMD3719 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
Page 34
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-12
TMD3719 − Register O ver view
Power, Enable, and Operation
The enable register has fields that power on the device and
enable the functions. To operate the device, first set all
configuration fields for all functions, then set PON = 1, and
finally enable functions. Changing configuration register values
while functions are operating may result in invalid results.
Figure 38:
ENABLE
Note(s):
1. Return to the Register Map (0x80)
Addr: 0x80
ENABLE
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6FDEN
0
R/W
Flicker Detection Enable. Writing a 1 activates
flicker detection. Writing a 0 disables flicker
detection.
5Reserved
0
4AEN
0
R/W
ALS Enable. Writing a 1 enables ALS/Color.
Writing a 0 disables ALS/Color.
3PEN
0
R/W
Proximity Enable. Writing a 1 enables
proximity. Writing a 0 disables proximity.
2:1
Reserved
00
0PON
0
R/W
Power ON. When asserted, the internal
oscillator is activated, allowing timers and ADC
channels to operate. Writing a 0 disables the
oscillator and clears PEN and AEN. Only set this
bit after all other registers have been initialized
by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com