Electronic Components Datasheet Search
  English  ▼

X  

TMD3719 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3719 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TMD3719 Datasheet HTML 32Page - OSRAM GmbH TMD3719 Datasheet HTML 33Page - OSRAM GmbH TMD3719 Datasheet HTML 34Page - OSRAM GmbH TMD3719 Datasheet HTML 35Page - OSRAM GmbH TMD3719 Datasheet HTML 36Page - OSRAM GmbH TMD3719 Datasheet HTML 37Page - OSRAM GmbH TMD3719 Datasheet HTML 38Page - OSRAM GmbH TMD3719 Datasheet HTML 39Page - OSRAM GmbH TMD3719 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
Datasheet, Public
Page 35
[v2-00] 2023-Jan-12
Document Feedback
TMD3719 − Register Overview
Figure 39:
MEAS_MODE0
Note(s):
1. Return to the Register Map (0x81)
Addr: 0x81
MEAS_MODE0
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6CL_APF_VSYNC
0
R/W
Classical ALS Proximity Flicker Detection with
next VSYNC.
5:4
Reserved
00
3:2
PROX_DIODE_ENABLE
00
R/W
Proximity Diode Enable. Write '11' to these two
bits to enable the proximity diodes for
measurement.
1
ALS DIODE SELECTION
0
R/W
ALS Diode Selection. Select which chain mode
to use for ALS measurements. Writing a 0 will
select ALS Set A and writing a 1 will select ALS
Set B.
0
ALS_DIODE_ENABLE
0
R/W
Enable ALS Diodes. Write 1 to enable the ALS
diodes for measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com