Electronic Components Datasheet Search
  English  ▼

X  

TMD3719 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3719 Datasheet(HTML) 5 Page - OSRAM GmbH

  TMD3719 Datasheet HTML 1Page - OSRAM GmbH TMD3719 Datasheet HTML 2Page - OSRAM GmbH TMD3719 Datasheet HTML 3Page - OSRAM GmbH TMD3719 Datasheet HTML 4Page - OSRAM GmbH TMD3719 Datasheet HTML 5Page - OSRAM GmbH TMD3719 Datasheet HTML 6Page - OSRAM GmbH TMD3719 Datasheet HTML 7Page - OSRAM GmbH TMD3719 Datasheet HTML 8Page - OSRAM GmbH TMD3719 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
Page 4
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-12
TMD3719 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
All voltages with respect to GND/PGND. Device parameters are
guaranteed at VDD = 1.8 V and TA = 25°C unless otherwise noted.
Figure 5:
Absolute Maximum Ratings
Note(s):
1. This ensures the maximum optical power is <12mW at 940nm ±10nm.
2. While the device is operational across the temperature range, functionality will vary with temperature.
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply Voltage to GND
-0.3
1.98
V
VDD3
Emitter Supply Voltage to GND
-0.3
3.6
VIO
Digital I/O Terminal Voltage
-0.3
3.6
IIO
Digital Output Terminal Current
-1
20
mA
ISINK
VCSEL Current (1)
010
The VCSEL current setting should not
exceed 10mA for any of the VCSELs
to maintain Class 1 laser safety.
Electrostatic Discharge
ISCR
Input Current
(latch-up immunity)
± 100
mA
Class II JEDEC JESD78D
ESDHBM
HBM Electrostatic Discharge
±2000
V
JEDEC/ESDA JS-001-2017
ESDCDM
CDM Electrostatic Discharge
± 500
V
JEDEC JESD22-C101F
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature Range
-40
85
°C
TA
Operating Temperature Range (2)
-30
85
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com