Electronic Components Datasheet Search
  English  ▼

X  

TMD3719 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3719 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TMD3719 Datasheet HTML 20Page - OSRAM GmbH TMD3719 Datasheet HTML 21Page - OSRAM GmbH TMD3719 Datasheet HTML 22Page - OSRAM GmbH TMD3719 Datasheet HTML 23Page - OSRAM GmbH TMD3719 Datasheet HTML 24Page - OSRAM GmbH TMD3719 Datasheet HTML 25Page - OSRAM GmbH TMD3719 Datasheet HTML 26Page - OSRAM GmbH TMD3719 Datasheet HTML 27Page - OSRAM GmbH TMD3719 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
Datasheet, Public
Page 23
[v2-00] 2023-Jan-12
Document Feedback
TMD3719 − Register Overview
Detailed Register Descriptions
ALS Interrupt Thresholds
ALS level detection uses data generated by the ADC Channel X.
The channel can be selected via ALS_TH_CHANNEL (see CFG12).
The ALS Interrupt Threshold registers provide 24-bit values to
be used as the high and low thresholds for comparison to the
24-bit ADATAX values. If AIEN is enabled and ADATAX is not
between AILT and AIHT for the number of consecutive samples
specified in APERS an interrupt is asserted on the interrupt pin.
These registers are read/write.
Figure 18:
ALS Interrupt Thresholds
Note(s):
1. Return to the Register Map (0x2E, 0x2F, 0x30, 0x31, 0x32, 0x33)
0xFA
FIFO_MAP2
R/W
FIFO buffer map
configuration two
000
0
0
0
0
00x00
0xFB
FIFO_STATUS
R
FIFO buffer status
0
0000000
0x00
0xFC
FDATA
R
FIFO buffer data
00000000
00000000
00000000
00000000
0x00
0xFD
0x00
0xFE
0x00
0xFF
0x00
Bits
Addr
Field
Reset
Type
Description
7:0
0x2E
AILT
0x00
R/W
ALS Interrupt Low Threshold
15:8
0x2F
0x00
R/W
23:16
0x30
0x00
R/W
7:0
0x31
AIHT
0x00
R/W
ALS Interrupt High Threshold
15:8
0x32
0x00
R/W
23:16
0x33
0x00
R/W
Addr
Name
Type
Description
7 6 5 4 3 2 1 0 Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com