Electronic Components Datasheet Search
  English  ▼

X  

TMG3992 Datasheet(PDF) 72 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 72 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 68Page - OSRAM GmbH TMG3992 Datasheet HTML 69Page - OSRAM GmbH TMG3992 Datasheet HTML 70Page - OSRAM GmbH TMG3992 Datasheet HTML 71Page - OSRAM GmbH TMG3992 Datasheet HTML 72Page - OSRAM GmbH TMG3992 Datasheet HTML 73Page - OSRAM GmbH TMG3992 Datasheet HTML 74Page - OSRAM GmbH TMG3992 Datasheet HTML 75Page - OSRAM GmbH TMG3992 Datasheet HTML 76Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
ams Datasheet
Page 71
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Configuration Register A3 (CONFIG_A3),
Gesture Mode
This register contains settings that govern wait time, LDR drive
current strength and Gesture gain control. The GWTIME
controls the amount of time in a low power mode between
gesture detection cycles. GPDRIVE sets the LDR drive current
strength governing LED intensity. GGAIN sets the analog gain
associated with the photodiode output.
Figure 76:
Configuration Register A3
765
432
1
0
GENAL
GGAIN
GLDRIVE
GWTIME
Field
Bits
Description
GENAL
7
Gesture Enter Always. With Gesture enabled, If GENAL= 1, any PDATA result
(including 0) will always cause entry into the gesture state machine. If
GENAL = 0, entry into the gesture state machine is conditional based on PDATA
and GPENTH.
GGAIN
6:5
Gesture Gain. Gesture Gain Control.
Field Value
GESTURE GAIN VALUE
00
1x Gain
01
2x Gain
10
4x Gain
11
8x Gain
GLDRIVE
4:3
Gesture LED Drive Strength. Sets LED Drive Strength in gesture mode.
FIELD VALUE
LED Strength
00
100% (100mA typical)
01
50%
10
25%
11
12.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com