Electronic Components Datasheet Search
  English  ▼

X  

TMG3992 Datasheet(PDF) 50 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 46Page - OSRAM GmbH TMG3992 Datasheet HTML 47Page - OSRAM GmbH TMG3992 Datasheet HTML 48Page - OSRAM GmbH TMG3992 Datasheet HTML 49Page - OSRAM GmbH TMG3992 Datasheet HTML 50Page - OSRAM GmbH TMG3992 Datasheet HTML 51Page - OSRAM GmbH TMG3992 Datasheet HTML 52Page - OSRAM GmbH TMG3992 Datasheet HTML 53Page - OSRAM GmbH TMG3992 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
ams Datasheet
Page 49
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Wait Time Register (WTIME 0x83)
The WTIME controls the amount of time in a low power mode
between Proximity and/or ALS cycles. It is set 2.78ms
increments unless the WLONG bit is asserted in which case the
wait times are 12× longer. WTIME is programmed as a 2’s
complement number. Upon power up, the wait time register is
set to 0xFF.
Figure 48:
Wait Time Register
Note(s):
1. The wait time register should be configured before AEN and/or PEN is asserted.
2. During any Proximity and/or ALS cycle, the wait state, depicted in the functional block diagram, is entered. For example, Proximity
only, Proximity and ALS, or ALS only cycles always enter the WAIT state and are separated by the time defined by WTIME.
765
432
1
0
WTIME
Field
Bits
Description
WTIME
7:0
REGISTER
VALUE
WAIT TIME
TIME
(WLONG=0)
TIME
(WLONG=1)
0xFF
1
2.78 ms
0.03 s
0xAB
85
236 ms
2.84 s
….
….
….
0x00
256
712 ms
8.54 s
256
TIME
2.78ms
------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com