Electronic Components Datasheet Search
  English  ▼

X  

TMG3992 Datasheet(PDF) 51 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 47Page - OSRAM GmbH TMG3992 Datasheet HTML 48Page - OSRAM GmbH TMG3992 Datasheet HTML 49Page - OSRAM GmbH TMG3992 Datasheet HTML 50Page - OSRAM GmbH TMG3992 Datasheet HTML 51Page - OSRAM GmbH TMG3992 Datasheet HTML 52Page - OSRAM GmbH TMG3992 Datasheet HTML 53Page - OSRAM GmbH TMG3992 Datasheet HTML 54Page - OSRAM GmbH TMG3992 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
Page 50
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
ALS Interrupt Threshold Registers (0x84 − 0x87)
ALS level detection uses data generated by the Clear Channel.
The ALS Interrupt Threshold registers provide 16-bit values to
be used as the high and low thresholds for comparison to the
16-bit CDATA values. If AIEN is enabled and CDATA is not
between AIL/HTHH and AIL/HTHL for the number of consecutive
samples specified in APERS an interrupt is asserted on the
interrupt pin.
Figure 49:
ALS Interrupt Threshold Registers
Proximity Interrupt Threshold Registers (0x89,
0x8B)
The Proximity Interrupt Threshold Registers set the high and
low trigger points for the comparison function which generates
an interrupt. If PDATA, the value generated by proximity
channel, crosses below the lower threshold specified, or above
the higher threshold, an interrupt may be signaled to the host
processor. Interrupt generation is subject to the value set in
persistence filter (PPERS).
Figure 50:
Proximity Interrupt Threshold Registers
Registers
Address
Bits
Description
AILTHL
0x84
7:0
ALS low threshold lower byte
AIHTHL
0x85
7:0
ALS low threshold upper byte
AILTHH
0x86
7:0
ALS high threshold lower byte
AIHTHH
0x87
7:0
ALS high threshold upper byte
Registers
Address
Bits
Description
PITHL
0x89
7:0
Proximity low threshold
PITHH
0x8B
7:0
Proximity high threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com