Electronic Components Datasheet Search
  English  ▼

X  

TMG3992 Datasheet(PDF) 83 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 83 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 79Page - OSRAM GmbH TMG3992 Datasheet HTML 80Page - OSRAM GmbH TMG3992 Datasheet HTML 81Page - OSRAM GmbH TMG3992 Datasheet HTML 82Page - OSRAM GmbH TMG3992 Datasheet HTML 83Page - OSRAM GmbH TMG3992 Datasheet HTML 84Page - OSRAM GmbH TMG3992 Datasheet HTML 85Page - OSRAM GmbH TMG3992 Datasheet HTML 86Page - OSRAM GmbH TMG3992 Datasheet HTML 87Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
Page 82
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Application Information
Power Supply Considerations
Systems using Proximity detection are capable of driving the
integrated LED with as much as 300mA of pulsed current;
however typical systems require much lower settings of 100mA
or less. As a result of the rapidly switching current on LDR pin,
a few design considerations must be kept in mind to get the
best performance. The key goal is to reduce the power supply
noise coupled back into the device during the LED pulses.
Systems where battery voltage does not exceed the maximum
specified LDR pin voltage (including battery recharge
conditions), the LEDA may be directly connected to the battery.
This is beneficial because noise generated by LED pulsing is not
couple into the supply of the optical device. Another advantage
for this configuration, depending on system design, may be a
reduction or removal of additional bulk capacitance connected
to LEDA.
In many systems, there is a quiet analog supply and a noisy
digital supply. By connecting the quiet supply to the VDD pin
and the noisy supply to the LED, the key goal can be meet.
Place a 1μF low-ESR decoupling capacitor as close as possible
to the VDD pin and another at the LEDA pin, along with a bulk
storage capacitor, 4.7μF or larger, (as needed) somewhere along
the trace to supply surge currents when the LED is pulsed.
If operating from a single supply, use a 22-Ω resistor in series
with the VDD supply line and a 1μF low ESR capacitor to filter
any power supply noise. The previous capacitor placement
recommendations apply.
Figure 88:
Typical Application Hardware Circuit
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com