Electronic Components Datasheet Search
  English  ▼

X  

TMG3992 Datasheet(PDF) 80 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 80 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 76Page - OSRAM GmbH TMG3992 Datasheet HTML 77Page - OSRAM GmbH TMG3992 Datasheet HTML 78Page - OSRAM GmbH TMG3992 Datasheet HTML 79Page - OSRAM GmbH TMG3992 Datasheet HTML 80Page - OSRAM GmbH TMG3992 Datasheet HTML 81Page - OSRAM GmbH TMG3992 Datasheet HTML 82Page - OSRAM GmbH TMG3992 Datasheet HTML 83Page - OSRAM GmbH TMG3992 Datasheet HTML 84Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
ams Datasheet
Page 79
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Configuration Register AB (CONFIG_AB),
Gesture Mode
This register contains settings that govern Gesture interrupts
as well as operation mode control.
Figure 83:
Configuration Register AB
Configuration Register AE (CONFIG_AE),
Gesture Mode
This indicates the number of datasets that are currently
available in the FIFO for read. Reading a complete FIFO dataset
(from address 0xFC to 0xFF) constitutes the reduction of the
GPENTH register by one.
Figure 84:
Configuration Register AE
765
432
1
0
Reserved
GIEN
GMODE
Field
Bits
Description
Reserved
7:2
Reserved. Bits must be set to 0.
GIEN
1
Gesture Interrupt Enable. When asserted, all gesture related interrupts are
unmasked.
GMODE
0
Gesture Mode. Reading this bit reports if the gesture state machine is actively
running, 1 = Gesture, 0= ALS, Proximity, Color, and Pattern Burst. Writing a 1 to
this bit causes immediate entry in to the gesture state machine (as if GPENTH
had been exceeded). Writing a 0 to this bit causes exit of gesture when current
analog conversion has finished (as if GPEXTH had been exceeded).
765
432
1
0
GFLVL
Field
Bits
Description
GFLVL
7:0
Gesture FIFO Level. This register indicates how many four byte data
points—NSWE are ready for read over I²C. One four-byte dataset is
equivalent to a single count in GFLVL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com