Electronic Components Datasheet Search
  English  ▼

X  

TMG3992 Datasheet(PDF) 84 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 84 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 80Page - OSRAM GmbH TMG3992 Datasheet HTML 81Page - OSRAM GmbH TMG3992 Datasheet HTML 82Page - OSRAM GmbH TMG3992 Datasheet HTML 83Page - OSRAM GmbH TMG3992 Datasheet HTML 84Page - OSRAM GmbH TMG3992 Datasheet HTML 85Page - OSRAM GmbH TMG3992 Datasheet HTML 86Page - OSRAM GmbH TMG3992 Datasheet HTML 87Page - OSRAM GmbH TMG3992 Datasheet HTML 88Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
ams Datasheet
Page 83
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Application Information
Communications Considerations
VBUS in the above figures refers to the I2C bus voltage. Separate
part numbers are assigned to each of the
I2C VBUS options: VBUS = VDD, or VBUS=1.8 V.
The I2C signals and the Interrupt are open-drain outputs and
require pull−up resistors. The pull-up resistor (RP) value is a
function of the I2C bus speed, the I2C bus voltage, and the
capacitive load. For example, ams EVM hardware
communicates at 400 kbit/s and uses 1.5 kΩ pull-up resistors.
The ams EVM hardware uses a 10 kΩ pull-up resistor (RPI) on
interrupt pin.
LED Drive Considerations
The LED cathode is connected to the LDR pin which functions
as a regulated current sink. When selecting the power supply
for the LED, that is, the voltage placed on the LEDA pin, it is
important to choose a supply capable of supplying a sufficient
amount of current and voltage. LEDA voltage must be larger
than the sum of the LED forward voltage drop and the voltage
on the LDR/ LEDA current sink regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com