Electronic Components Datasheet Search
  English  ▼

X  

TMG3992 Datasheet(PDF) 81 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 81 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 77Page - OSRAM GmbH TMG3992 Datasheet HTML 78Page - OSRAM GmbH TMG3992 Datasheet HTML 79Page - OSRAM GmbH TMG3992 Datasheet HTML 80Page - OSRAM GmbH TMG3992 Datasheet HTML 81Page - OSRAM GmbH TMG3992 Datasheet HTML 82Page - OSRAM GmbH TMG3992 Datasheet HTML 83Page - OSRAM GmbH TMG3992 Datasheet HTML 84Page - OSRAM GmbH TMG3992 Datasheet HTML 85Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
Page 80
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Configuration Register AF (CONFIG_AF),
Gesture Mode
This register indicates the operational condition of the gesture
state machine.
Figure 85:
Configuration Register AF
Note(s):
1. If GINT (irrespective of GVALID) remains set after the FIFO has been read GFLVL times, this indicates that new data has been added
to FIFO during the last FIFO read.
Clear Interrupt Registers (0xE3, 0xE7)
Interrupts are cleared by read or write access to the appropriate
register. IFORCE is used to manually assert the INT pin.
Figure 86:
Clear Interrupt Registers
765
432
1
0
Reserved
GFOV
GVALID
Field
Bits
Description
Reserved
7:2
Reserved.
GFOV
1
Gesture FIFO Overflow. A setting of 1 indicates that the FIFO has filled to
capacity and that new gesture detector data has been lost.
GVALID
0
Gesture Valid. GVALID bit is set when GFLVL becomes greater than GFIFOTH
(i.e. FIFO has enough data to set GINT). GVALID is reset when
GMODE = 0 and the GFLVL=0 (i.e. All FIFO data has been read).
Registers
Address
Bits
Description
PBCLEAR
0xE3
7:0
Pattern Burst interrupt clear
IFORCE
0xE4
7:0
Forces an interrupt
PICLEAR
0xE5
7:0
Proximity interrupt clear
CICLEAR
0xE6
7:0
ALS interrupt clear
AICLEAR
0xE7
7:0
Clears all non-gesture interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com