Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2863 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Type 2863
3 | 12
Visit product website 
1.
General Technical Data
Product properties
Dimensions
Detailed information can be found in chapter “5. Dimensions” on page 5.
Material
Body
Brass, stainless steel
Seal
FKM, EPDM
Performance data
Typical values of positioning behaviour1.)
Hysteresis
< 5 %
Reproducibility
< 1 % of end value2.)
Response sensitivity
< 1 % of end value2.)
Setting range
1:25
Pressure range3.)
0…16 bar
Nominal operating mode
100 % continuous operation
Electrical data
Operating voltage
24 V DC (12 V on request)
Power consumption
Maximal 9 W
Maximum coil current4.)
420 mA (at 9 W and 24 V coil)
PWM frequency5.)
400 Hz
Medium data
Operating medium
Neutral gases, liquids on request
Medium temperature
- 10 °C…+ 90 °C (with FKM)
- 30 °C…+ 90 °C (with EPDM)
Viscosity
21 mm2/s (21 cSt)
Process/Port connection & communication
Port connection size
Sub-base, G ⅛, G ¼, NPT ⅛, NPT ¼
Electrical connection
Cable plug Type 2518 acc. to DIN EN 175301 - 803 form A
Detailed information can be found in chapter “Cable plug Type 2518, Form A accord-
ing to DIN EN 175301 - 803” on page 10.
Approvals and certificates
Degree of protection
IP65
Environment and installation
Installation position
Any, preferably actuator face up
Ambient temperature
Maximum + 55 °C
1.) Characteristic data of control behaviour depends on process conditions
2.) By flow measurement
3.) Pressure data: Overpressure with respect to atmospheric pressure, depending on nominal diameter, tightness seal or nominal pressure
4.) Maximum value: value depends on operating pressure
5.) PWM: pulse width modulation
2.
Circuit functions
Circuit functions
Description
2 (A)
1 (P)
Type: A, proportional control valve
2/2 way
Direct­acting
Normally closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com