Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Type 2863
9 | 12
Visit product website 
8.
Ordering information
8.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
8.2. Recommendation regarding product selection
Note:
• Please use the “Product Inquiry Form” at the end of this data sheet for the specifications of the device configuration and send
us a copy of the inquiry with information about the application.
• Please note the chapter “6.2. Exemplary characteristic curve of a proportional valve” on page 8 on product selection.
8.3. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
8.4. Ordering chart
Standard version
Note:
• All valves with FKM seal
• Please note that the cable plug must be ordered separately, see “Cable plug Type 2518, Form A according to DIN EN
175301 - 803” on page 10 or separate data sheet for Type 2518 .
Circuit function
Orifice
Port connec-
tion1.)
K
VS value
water2.)
Nominal
pressure3.)
Article no.
brass body
Article no.
stainless
steel body
[mm]
[m3/h]
[bar]
A, proportional control valve
2/2 way
Direct­acting
Normally closed
2 (A)
1 (P)
0.8
G ⅛
0.018
16
275060 
275063 
1.2
G ⅛
0.040
12
249140 
275064 
1.5
G ⅛
0.060
10
249141 
275065 
2.0
G ⅛
0.100
8
254182 
275066 
G ¼
0.100
8
255699 
276517 
2.5
G ¼
0.150
5
275061 
275067 
3.0
G ¼
0.220
3.5
275062 
275068 
4.0
G ¼
0.320
2
251831 
255700 
1.) NPT and Sub-base on request
2.) Flow rate value for water, measured at + 20 °C and 1 bar pressure differential over a fully opened valve.
3.) Pressure data: Overpressure with respect to atmospheric pressure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com