Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Type 2863
10 | 12
Visit product website 
ATEX/IECEx version
Note:
• All valves with FKM seal and ATEX version with 3 m connection cable.
• For detailed information regarding ATEX and IECEx approvals see “3. Approvals” on page 4
• Please use the “Product Inquiry Form” at the end of this data sheet for the specifications of the device configuration and send
us a copy of the inquiry with information about the application.
Circuit function
Orifice
Port connec-
tion1.)
K
VS value
water2.)
Nominal
pressure3.)
Article no.
brass body
Article no.
stainless
steel body
[mm]
[m3/h]
[bar]
A, proportional control valve
2/2 way
Direct­acting
Normally closed
2 (A)
1 (P)
0.8
G ⅛
0.018
8
343042 
On request
1.2
G ⅛
0.040
6
343044 
On request
1.5
G ⅛
0.060
6
337721 
On request
2.0
G ⅛
0.100
6
310840 
On request
2.5
G ¼
0.150
2.5
343045 
On request
3.0
G ¼
0.220
2
343047 
On request
4.0
G ¼
0.320
1
343049 
On request
1.) NPT and Sub-base on request
2.) Flow rate value for water, measured at + 20 °C and 1 bar pressure differential over a fully opened valve.
3.) Pressure data: Overpressure with respect to atmospheric pressure.
Further versions on request
Material
Other seal materials
Analytical
Oxygen version, Parts oil­, fat­ and silicon free
Approval
ATEX / IECEx
Orifice
Special valve orifice
Coil
Other coil power
Specific, power setting for lower pressure
Other operating voltages
8.5. Ordering chart accessories
Cable plug Type 2518, Form A according to DIN EN 175301 - 803
Note:
Further versions see data sheet Type 2518 .
Cable plug
Dimensions
Version
Voltage
Article no.
35.7
3.5
1.5
29.2
Ø 19
Without circuitry (AC/DC)
0…250 V AC/DC
314802 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com