Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Type 2863
11 | 12
Visit product website 
Control unit Type 8605
Note:
Further versions see data sheet Type 8605 .
Version
Max. coil current
range
Type
2863
Type
2863
Article no.
[mA]
24 V DC 12 V DC
Cable plug with PG cable gland
200…1000
x
x
316530 
Cable plug with M12 connection
200…1000
x
x
316528 
Cable plug with PG cable gland
500…2000
–
x
316529 
Cable plug with M12 connection
500…2000
–
x
316526 
Cable plug with PG cable gland without operating element 200…1000
x
x
316521 
Cable plug with M12 connection without operating element 200…1000
x
x
316522 
Cable plug with PG cable gland without operating element 500…2000
–
x
316523 
Cable plug with M12 connection without operating element 500…2000
–
x
316525 
Standard rail
200…1000
x
x
316532 
Standard rail
500…2000
–
x
316533 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com