Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2863 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Type 2863
7 | 12
Visit product website 
5.3. ATEX version
Note:
Dimensions in mm
32
Length according to order
Standard length 3000
10.6
64
85.8
min.
R30
32
10.8
6.
Performance specifications
6.1. Flow characteristic
Determination of the K
V value
Pressure drop
K
V value for liquids
K
V value for gases
[m3/h]
[m3/h]
Sub-critical
p2 > 2
p1
= Q
ρ
Δp
1000
= Q
514
QN
ρN
T
1
Δp
p2
Supercritical
p2 < 2
p1
= Q
ρ
Δp
1000
= Q
QN
ρN
T
1
257 p1
K
V Flow coefficient
[m3/h]1.)
Q
N Standard flow rate
[m
N
3
/h]2.)
p
1 Inlet pressure
[bar]3.)
p
2 Outlet pressure
[bar]3.)
∆p Differential pressure p
1...p2
[bar]
ρ Density
[kg/m3]
ρ
N Standard density
[kg/m3]
T
1 Medium temperature
[(273+t)K]
1.) Measured for water, ∆p = 1 bar, over the value
2.) At reference conditions 1.013 bar and 0 °C (273 K)
3.) Absolute pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com