Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2863 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Visit product website 
DATA SHEET
Type 8605
PWM control electro­
nics for electromagnetic
proportional valves
Type 2518
Cable Plug
DIN EN 175301 ­ 803 ­
Form A
Type 8611
eCONTROL ­
Universal controller
1000173851 | Standard | EU | en | 202109 | 06
Direct acting 2-way basic proportional valve
• High dynamics
• Orifice sizes DN 0.8 ... 4.0 mm
• Good range
• Optional: Explosion­protected coil
Type 2863 is an extremely compact solenoid control valve and is available
with an orifice up to 4 mm. It is based on the standard version of Type 2873.
It is used as an actuator in closed control loops (pressure, flow, temperature,
etc.). Compared with the standard version, the valve is essentially of simpler
construction and assembly and testing procedures are optimized, easing high
volume series production with shorter delivery times.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2863
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2863

ManufacturerPart #DatasheetDescription
logo
Heyco.
2863 HEYCO-2863 Datasheet
113Kb / 1P
Shorty Universal Bushings
logo
Adafruit Industries
2863 ADAFRUIT-2863 Datasheet
90Kb / 2P
NeoPixel Ring - 24 x 5050 RGBW LEDs w/ Integrated Drivers - Cool White - ~6000K
logo
PHOENIX CONTACT
2863070 PHOENIX-2863070 Datasheet
190Kb / 6P
INTERBUS bus coupler, copper connection, 24 V DC, complete with accessories (connector and labeling field)
2863083 PHOENIX-2863083 Datasheet
578Kb / 13P
Analog module - IB IL AO 2/SF-PAC
Dec 8, 2022
logo
Belden Inc.
28630A BELDEN-28630A Datasheet
157Kb / 2P
TC VN/PVC, 37 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results

Similar Description - 2863

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
logo
Festo Corporation.
546745 FESTO-546745 Datasheet
100Kb / 2P
Basic valve
546747 FESTO-546747 Datasheet
100Kb / 2P
Basic valve
546746 FESTO-546746 Datasheet
98Kb / 2P
Basic valve
546748 FESTO-546748 Datasheet
99Kb / 2P
Basic valve
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
Proportional valve module
logo
Festo Corporation.
546740 FESTO-546740 Datasheet
99Kb / 2P
Basic valve
logo
WAGO Kontakttechnik Gmb...
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
Proportional valve module
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com