Electronic Components Datasheet Search
  English  ▼

X  

2863 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2863
Description  Direct acting 2-way basic proportional valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2863 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2863 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2863 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Type 2863
8 | 12
Visit product website 
6.2. Exemplary characteristic curve of a proportional valve
Note:
In continuous flow applications, the choice of an appropriate valve size is much more important than with on/off valves. The optimum
size should be selected such that the resulting flow in the system is not unnecessarily reduced by the valve. However, a sufficient
part of the pressure drop should be taken across the valve even when it is fully opened.
Recommended value: Δp
valve > 25 % of total pressure drop within the system
Otherwise, the ideal, linear valve curve characteristic is changed.
If the differential pressure (difference between inlet and outlet pressure) exceeds half the value of the nominal pressure discontinuities
may occur.
For that reason take advantage of Bürkert competent engineering services during the planning phase!
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
K
V
K
VS
0
5
10 [V]
4
12
20 [mA]
0
10
20 [mA]
7. Product operation
7.1. Control unit
Valve control takes place through a PWM signal (pulse-width modulation). The duty cycle of the PWM signal determines the coil
current and hence the position of the plunger.
The Bürkert control electronics Type 8605 (see relevant data sheet Type 8605 ) converts an analogue signal to a reference value cor­
responding to the valve type PWM signal and provides additional functions such as temperature compensation (coil heating), ramp
function and the adjustment of min. and max. duty cycle/coil current for the control range.
Please note the sizing comments for such a control valve in chapter “6.2. Exemplary characteristic curve of a proportional valve”
on page 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com