Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 136 page
background image
Serial Peripheral Interface (SPI) Timing
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
115
Preliminary
10.9 Serial Peripheral Interface (SPI) Timing
Table 10-18 SPI Timing1
1. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
See Figure
Cycle time
Master
Slave
tC
50
50
—
—
ns
ns
10-9, 10-10,
10-11, 10-12
Enable lead time
Master
Slave
tELD
—
25
—
—
ns
ns
10-12
Enable lag time
Master
Slave
tELG
—
100
—
—
ns
ns
10-12
Clock (SCK) high time
Master
Slave
tCH
17.6
25
—
—
ns
ns
10-9, 10-10,
10-11, 10-12
Clock (SCK) low time
Master
Slave
tCL
16
16.67
—
—
ns
ns
10-12
Data set up time required for inputs
Master
Slave
tDS
20
0
—
—
ns
ns
10-9, 10-10,
10-11, 10-12
Data hold time required for inputs
Master
Slave
tDH
0
2
—
—
ns
ns
10-9, 10-10,
10-11, 10-12
Access time (time to data active from high-impedance
state)
Slave
tA
4.8
15
ns
10-12
Disable time (hold time to high-impedance state)
Slave
tD
3.7
15.2
ns
10-12
Data Valid for outputs
Master
Slave (after enable edge)
tDV
—
—
4.5
20.4
ns
ns
10-9, 10-10,
10-11, 10-12
Data invalid
Master
Slave
tDI
0
0
—
—
ns
ns
10-9, 10-10,
10-11, 10-12
Rise time
Master
Slave
tR
—
—
11.5
10.0
ns
ns
10-9, 10-10,
10-11, 10-12
Fall time
Master
Slave
tF
—
—
9.7
9.0
ns
ns
10-9, 10-10,
10-11, 10-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com