Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 136 page
background image
56F8322 Techncial Data, Rev. 16
112
Freescale Semiconductor
Preliminary
10.7 Oscillator Parameters
Note: An LSB change in the tuning code results in an 82ps shift in the frequency period, while an MSB change in the tuning code
results in a 41ns shift in the frequency period.
Table 10-15 Crystal Oscillator Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Crystal Start-up time
TCS
45
10
ms
Resonator Start-up time
TRS
0.1
0.18
1
ms
Crystal ESR
RESR
——
120
ohms
Crystal Peak-to-Peak Jitter
TD
70
—
250
ps
Crystal Min-Max Period Variation
TPV
0.12
—
1.5
ns
Resonator Peak-to-Peak Jitter
TRJ
——
300
ps
Resonator Min-Max Period Variation
TRP
——
300
ps
Bias Current, high-drive mode
IBIASH
—250
290
μA
Bias Current, low-drive mode
IBIASL
—80
110
μA
Quiescent Current, power-down mode
IPD
—0
1
μA
Table 10-16 Relaxation Oscillator Parameters
Characteristic
Min
Typ
Max
Units
Center Frequency
—
8
—
MHz
Minimum Tuning Step Size
(See Note)
—82—
ps
Maximum Tuning Step Size
(See Note)
—41—
ns
Frequency Accuracy
-50
°C to +150°C
(See Figure 10-4)
—
+/- 1.78
+2 /-3
%
Maximum Cycle-to-Cycle
Jitter
——
500
ps
Stabilization Time from Power-up
—
—
4
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com