Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 136 page
background image
AC Electrical Characteristics
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
109
Preliminary
10.2.2
Temperature Sense
Note: Temperature Sensor is NOT available in the 56F8122 device.
10.3 AC Electrical Characteristics
Tests are conducted using the input levels specified in Table 10-5. Unless otherwise specified,
propagation delays are measured from the 50% to the 50% point, and rise and fall times are measured
between the 10% and 90% points, as shown in Figure 10-1.
Figure 10-1 Input Signal Measurement References
Table 10-11 Temperature Sense Parametrics
Characteristics
Symbol
Min
Typical
Max
Unit
Slope (Gain)1
m
—
7.762
—
mV/°C
Room Trim Temp. 1, 2
1. Includes the ADC conversion of the analog Temperature Sense voltage.
2. The ADC is not calibrated for the conversion of the Temperature Sensor trim value stored in the Flash Memory at
FMOPT0 and FMOPT1.
TRT
24
26
28
°C
Hot Trim Temp. (Industrial)1,2
THT
122
125
128
°C
Hot Trim Temp. (Automotive)1,2
THT
147
150
153
°C
Output Voltage @
VDDA_ADC = 3.3V, TJ =0°C
1
VTS0
—1.370
—
V
Supply Voltage
VDDA_ADC
3.0
3.3
3.6
V
Supply Current - OFF
IDD-OFF
——
10
μA
Supply Current - ON
IDD-ON
——
250
μA
Accuracy3,1 from -40°C to 150°C
Using VTS = mT + VTS0
3. See Application Note, AN1980, for methods to increase accuracy.
TACC
-6.7
0
6.7
°C
Resolution4, 5,1
4. Assuming a 12-bit range from 0V to 3.3V.
5. Typical resolution calculated using equation,
RES
—0.104
—
°C / bit
VIH
VIL
Fall Time
Input Signal
Note: The midpoint is VIL + (VIH – VIL)/2.
Midpoint1
Low
High
90%
50%
10%
Rise Time
RES = (VREFH - VREFLO) X 1
212
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com