Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 136 page
background image
56F8322 Techncial Data, Rev. 16
106
Freescale Semiconductor
Preliminary
Table 10-6 Power-On Reset Low Voltage Parameters
Characteristic
Symbol
Min
Typ
Max
Units
POR Trip Point Rising1
1. Both VEI2.5 and VEI3.3 thresholds must be met for POR to be released on power-up.
PORR
———
V
POR Trip Point Falling
PORF
1.75
1.8
1.9
V
LVI, 2.5V Supply, trip point2
2. When VDD_CORE drops below VEI2.5, an interrupt is generated.
VEI2.5
—2.14—
V
LVI, 3.3V supply, trip point3
3. When VDD_CORE drops below VEI3.3, an interrupt is generated.
VEI3.3
—2.7
—
V
Bias Current
I bias
—110
130
μA
Table 10-7 Current Consumption per Power Supply Pin (Typical)
On-Chip Regulator Enabled (OCR_DIS = Low)
Mode
IDD_IO
1
1. No Output Switching (Output switching current can be estimated from I = CVf for each output)
2. Includes Processor Core current supplied by internal voltage regulator
IDD_ADC
IDD_OSC_PLL
Test Conditions
RUN1_MAC
115mA
25mA
2.5mA
• 60MHz Device Clock
• All peripheral clocks are enabled
• Continuous MAC instructions with fetches from
Data RAM
• ADC powered on and clocked
Wait3
60mA
35
μA2.5mA
• 60MHz Device Clock
• All peripheral clocks are enabled
• ADC powered off
Stop1
5.7mA
0
μA360μA
• 4MHz Device Clock
• All peripheral clocks are off
• Relaxation oscillator is on
• ADC powered off
• PLL powered off
Stop2
5mA
0
μA145μA
• Relaxation oscillator is off
• All peripheral clocks are off
• ADC powered off
• PLL powered off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com