Electronic Components Datasheet Search
  English  ▼

X  

33981B Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 18Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 19Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 20Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33981
TYPICAL APPLICATIONS
INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
Figure 20 shows a typical application for the 33981. A brush DC motor is connected to the output. A low-side gate driver is
used for the freewheeling phase. Typical values for external capacitors and resistors are given.
.
Figure 20. 33981 Typical Application Diagram
EMC AND EMI RECOMMENDATIONS
INTRODUCTION
This section relates the EMC capability for 33981, High
Frequency High-Current High-Side Switch. This device is a
self-protected silicon switch used to replace
electromechanical relays, fuses, and discrete circuits in
power management applications.
This section presents the key features of the device and its
targeted applications. The automotive standard to measure
conducted and radiated emissions is provided. Concrete
measurements on the 33981 and improvements to reduce
electromagnetic emission are described.
DEVICE FEATURES
This 33981 is a 4.0 m
Ω self-protected, high-side switch
digitally controlled from a microcontroller (MCU) with
extended diagnostics, able to drive DC motors up to 60 kHz.
A bootstrap architecture has been used to provide fast
transient gate voltage in order to reach 4.0 m
Ω R
DS(ON)
maximum at room temperature. In parallel, a charge pump is
implemented to offer continuous on-state capability. This
dual current supply of the high-side MOSFET allows a duty
cycle from 5% to 100%. An external capacitor connected
between pins SR and GND is used to control the slew rate at
the output and, therefore, reduce electromagnetic
perturbations.
In standard configuration, the motor current recirculation is
handled by an external freewheeling diode. To reduce global
power dissipation, the freewheeling diode can be replaced by
an external discrete MOSFET in low-side configuration. The
IC integrates a gate driver that controls and protects this
external MOSFET in the event of short circuit to battery. The
product manages the cross conduction between the internal
high side and the external low side when used in a half bridge
configuration. The two MOSFETs can be controlled
independently when the CONF pin is at 0 V. To eliminates
fuses, the device is self-protected from severe short-circuits
(100 A typical) with an innovative overcurrent strategy.
The 33981 has a current feedback for real-time monitoring
of the load current through an MCU analog/digital converter
to facilitate closed-loop operation for motor speed control.
The 33981 has an analog thermal feedback that can be
used by the MCU to monitor PC board temperature to
optimize the motor control and to protect the entire electronic
system. Therefore, an over temperature shutdown feature
protects the IC against high overload condition.
MCU
33981
OUT
SR
EN
FS
INHS
CSNS
I/O
I/O
I/O
A/D
GND
VPWR
VDD
CBOOT
GLS
INLS
I/O
DLS
TEMP
A/D
CONF
OCLS
VPWR
VDD
M
2.2 nF
1.0 k
Ω
1.0 k
Ω
33 k
Ω
330
µF
100 nF
100 nF
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Voltage regulator
VPWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com