Electronic Components Datasheet Search
  English  ▼

X  

33981B Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 9Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 10Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 11Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 12Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 13Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 14Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 15Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33981
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33981 is a high-frequency self-protected silicon
4.0 m
Ω R
DS(ON) high-side switch used to replace
electromechanical relays, fuses, and discrete devices in
power management applications. The 33981 can be
controlled by pulse-width modulation (PWM) with a frequency
up to 60 kHz. It is designed for harsh environments, and it
includes self-recovery features.
The 33981 is suitable for loads with high inrush current, as
well as motors and all types of resistive and inductive loads.
A dedicated parallel input is available for an external low-side
control with protection features and cross-conduction
management.
FUNCTIONAL PIN DESCRIPTIONS
OUTPUT CURRENT MONITORING (CSNS)
This pin is used to output a current proportional to the high-
side OUT current and is used externally to generate a
ground-referenced voltage for the microcontroller (MCU) to
monitor OUT current.
TEMPERATURE FEEDBACK (TEMP)
This pin reports an analog value proportional to the
temperature of the GND flag (pin 13). It is used by the MCU
to monitor board temperature.
ENABLE [ACTIVE HIGH] (EN)
This is an input used to place the device in a low current
sleep mode. This pin has an active passive internal pulldown.
INPUT HIGH SIDE (INHS)
The input pin is used to directly control the OUT. This input
has an active internal pulldown current source and requires
CMOS logic levels.
FAULT STATUS (FS)
This pin is an open drain-configured output requiring an
external pullup resistor to VDD (5.0 V) for fault reporting.
When a device fault condition is detected, this pin is active
LOW.
INPUT LOW SIDE (INLS)
This input pin is used to directly control an external low-
side N-channel MOSFET and has an active internal pulldown
current source and requires CMOS logic levels. It can be
controlled independently of the INHS depending of CONF
pin.
CONFIGURATION INPUT (CONF)
This input pin is used to manage the cross-conduction
between the internal high-side N-channel MOSFET and the
external low-side N-channel MOSFET. The pin has an active
internal pullup current source. When CONF is at 0 V, the two
MOSFETs are controlled independently. When CONF is at
VDD 5.0 V, the two MOSFETs cannot be on at the same time.
LOW-SIDE OVERLOAD (OCLS)
This pin sets the VDS protection level of the external low-
side MOSFET. This pin has an active internal pullup current
source. It must be connected to an external resistor.
DRAIN LOW SIDE (DLS)
This pin is the drain of the external low-side N-channel
MOSFET. Its monitoring allows protection features: low side
short protection and VPWR short protection.
LOW-SIDE GATE (GLS)
This pin is an output used to drive the gate of the external
low-side N-channel MOSFET.
SLEW RATE CONTROL (SR)
A capacitor connected between this pin and ground is
used to control the output slew rate.
BOOTSTRAP CAPACITOR (CBOOT)
A capacitor connected between this pin and OUT is used
to switch the OUT in PWM mode.
GROUND (GND)
This pin is the ground for the logic and analog circuitry of
the device.
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the
source input of operational power for the device. The VPWR
pin is a backside surface mount tab of the package.
OUTPUT (OUT)
Protected high-side power output to the load. Output pins
must be connected in parallel for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com