Electronic Components Datasheet Search
  English  ▼

X  

33981B Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 11Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 12Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 13Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 14Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 15Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 16Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 17Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 18Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33981
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
Figure 11. Reverse Battery Protection
GROUND (GND) DISCONNECT PROTECTION
If the DC motor module ground is disconnected from load
ground, the device protects itself and safely turns OFF the
output regardless of the output state at the time of
disconnection. A 10k resistor needs to be added between the
EN pin and the rest of the circuitry in order to ensure the
device turns off in case of ground disconnect and to prevent
exceeding this pin’s maximum ratings.
FAULT REPORTING
This 33981 indicates the faults below as they occur by
driving the FS pin to logic [0]:
• Overtemperature fault
• Overcurrent fault on OUT
• Overload fault on the external low-side MOSFET
The FS pin will return to logic [1] when the over
temperature fault condition is removed. The two other faults
are latched.
M
VPWR
VDD
VPWR
MCU
33981
No current
GND
OUT
Diode
10.0 k
Ω
Table 6. Functional Truth Table in Fault Mode
Conditions
CONF
INHS
INLS
OUT
GLS
FS
EN
TEMP CSNS OCLS
Comments
Overtemperature
on OUT
x
x
x
L
H
L
H
L
x
x
The 33981 is currently in fault mode.
The OUT is OFF. TEMP at 0 V
indicates this fault. Once the fault is
removed 33981 recovers its normal
mode.
Overtemperature
on GLS
x
x
x
L
L
L
H
L
x
x
The 33981 is currently in fault mode.
The OUT is OFF and GLS is at 0 V.
TEMP at 0 V indicates this fault. Once
the fault is removed 33981 recovers its
normal mode.
Overcurrent
on OUT
x
H
L
L
x
L
H
x
L
x
The 33981 is currently in fault mode.
The OUT is OFF. It is reset by a
logic [0] at INHS for at least
tRST(diag).
When INHS goes to 0 V, CSNS goes to
5.0 V.
Overload
on External Low-
Side MOSFET
L
L
H
x
L
L
H
x
x
L
The 33981 is currently in fault mode.
GLS is at 0 V and OCLS internal
current source is off. The external
resistance connected between OCLS
and GND pin will pull OCLS pin to 0 V.
The fault is reset by a logic [0] at INLS
for at least
tRST(diag).
H = High level
L = Low level
x = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com