Electronic Components Datasheet Search
  English  ▼

X  

33981B Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 9Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 10Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 11Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 12Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 13Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 14Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33981
ELECTRICAL PERFORMANCE CURVES
STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 10. VOUT Fall Time vs. SR Capacitor From 10% to 90% of VOUT at 25°C and VPWR = 13 V
0
200
400
600
800
1000
1200
1400
1600
0
2.0
4.0
6.0
8.0
10
SR Capacitor (nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com