Electronic Components Datasheet Search
  English  ▼

X  

33981B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33981B Datasheet HTML 1Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Document Number: MC33981
Rev. 6.0, 5/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Single High-Side Switch
(4.0 m
Ω), PWM clock up to 60kHz
The 33981 is a high-frequency, self-protected 4.0 m
Ω R
DS(ON) high-
side switch used to replace electromechanical relays, fuses, and
discrete devices in power management applications.
The 33981 can be controlled by Pulse-Width Modulation (PWM) with
a frequency up to 60 kHz. It is designed for harsh environments, and it
includes self-recovery features. The 33981 is suitable for loads with
high in-rush current, as well as motors and all types of resistive and
inductive loads.
The 33981 is packaged in a 12 x 12 non-leaded power-enhanced
Power QFN package with exposed tabs.
Features
• Single 4.0 m
Ω R
DS(ON) Maximum High-Side Switch
• PWM Capability up to 60 kHz with Duty Cycle from 5% to 100%
• Very Low Standby Current
• Slew Rate Control with External Capacitor
• Overcurrent and Overtemperature Protection, Undervoltage
Shutdown and Fault Reporting
• Reverse Battery Protection
• Gate Drive Signal for External Low-Side N-Channel MOSFET with
Protection Features
• Output Current Monitoring
• Temperature Feedback
• Pb-Free Packaging Designated by Suffix Code PNA
Figure 1. 33981 Simplified Application Diagram
HIGH-SIDE SWITCH
33981B
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33981BPNA/R2
-40°C to 125°C
16 PQFN
SCALE 1:1
Bottom View
PNA (Pb-Free Suffix)
98ARL10521D
16-PIN PQFN (12 X 12)
VDD
I/O
I/O
I/O
I/O
A/D
A/D
MCU
CONF
FS
INLS
EN
INHS
TEMP
CSNS
OCLS SR GND
VPWR
CBOOT
OUT
DLS
GLS
VDD
M
VPWR
33981


Similar Part No. - 33981B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
Single High Side Switch
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
Single High Side Switch
More results

Similar Description - 33981B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
International Rectifier
AUIPS7221R IRF-AUIPS7221R Datasheet
278Kb / 13P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
Single High Side Switch
logo
International Rectifier
AUIPS7221R IRF-AUIPS7221R_15 Datasheet
560Kb / 14P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
logo
New Japan Radio
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
Single High Side Switch
logo
Infineon Technologies A...
AUIPS7221R INFINEON-AUIPS7221R Datasheet
560Kb / 14P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
February, 21st 2012 revision D
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com