Electronic Components Datasheet Search
  English  ▼

X  

33981B Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 29Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 33Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 34Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33981
PACKAGING
SOLDERING INFORMATION
PACKAGING
SOLDERING INFORMATION
The 33981 is not designed for immersion soldering. The maximum peak temperature during the soldering process should not
exceed 245oC. Pin soldering limit is for 10 seconds maximum duration. Exceeding these limits may cause malfunction or
permanent damage to the device.
PACKAGING DIMENSIONS
For the most current package revision, visit www.freescale.com and perform a keyword search using “98ARL10521D”.
PNA SUFFIX
16-PIN PQFN
PLASTIC PACKAGE
98ARL10521D
ISSUE C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com