Electronic Components Datasheet Search
  English  ▼

X  

33981B Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 20Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 26Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33981
TYPICAL APPLICATIONS
EMC AND EMI RECOMMENDATIONS
Figure 24. Test Bench for Radiated Emission
EMC RESULTS AND IMPROVEMENTS
The 33981 OUT is connected to an inductive load (0.47
Ω
+ 1.0 mH) switching at 20 kHz with duty = 80%. The current
in the load was 17 A continuous.
BOARD SETUP
The initial configuration of our 33981 board is represented
in Figure 25.
No SR capacitor is used. Therefore, the obtained
switching times are the maximum values. A capacitor of
1000 mF is connected between VPWR and GND.
Figure 25.
33981 Initial Configuration
CONDUCTED MEASUREMENTS
TEST SETUP
To perform a conducted emission measurement in
accordance with the CISPR 25 standard, the test bench in
Figure 26, Conducted Emission Test Setup, on page 24 was
developed.
Figure 26. Conducted Emission Test Setup
EFFECTS OF SOME PARAMETERS
The conducted emissions level rise with the duty cycle.
When the duty increases the di/dt on the VPWR line is higher.
The device has to deliver more current and provide more
energy. Figure 27 describes the effect of duty cycle increase
on the VPWR current waveform. The conducted emission
level rises with the output frequency. This is due to the
increasing number of commutations.
Key
1
EUT (grounded locally if
required in test plan)
8
Biconical antenna
2
Test harness
–
–
3
Load simulator (placement
and ground connection)
10 High quality double-
shielded coaxial cable
(50
Ω)
4
Power supply (location
optional)
11 Bulkhead connector
5
Artificial Network (AN)
12 Measuring instrument
6
Ground plane (bonded to
shielded enclosure)
13 RF absorber material
7
Low relative permittivity
support (
ερ ≤ 1.4)
14 Stimulation and monitoring
system
Out
GND
VPWR
33981
Power Supply
LISN
Measurement
Point for
Conducted
Emission
EUT
Non-Conductive
Material
Optical PWM Signal
Load (1.0 mH + 0.47
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com