Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7765 Datasheet HTML 5Page - Analog Devices AD7765 Datasheet HTML 6Page - Analog Devices AD7765 Datasheet HTML 7Page - Analog Devices AD7765 Datasheet HTML 8Page - Analog Devices AD7765 Datasheet HTML 9Page - Analog Devices AD7765 Datasheet HTML 10Page - Analog Devices AD7765 Datasheet HTML 11Page - Analog Devices AD7765 Datasheet HTML 12Page - Analog Devices AD7765 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD7765
Rev. 0 | Page 9 of 32
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUTA+
VINA+
VOUTA–
AVDD2
VIN+
VIN–
VINA–
VREF+
REFGND
AVDD4
RBIAS
AGND1
AVDD1
AGND3
OVERRANGE
SCO
FSI
SDO
FSO
AVDD2
AGND2
MCLK
SYNC
SDI
RESET/PWRDWN
DVDD
DEC_RATE
AVDD3
AD7765
TOP VIEW
(Not to Scale)
Figure 5. 28-Lead TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
24
AVDD1
2.5 V Power Supply for Modulator. This pin should be decoupled to AGND1 (Pin 23) with a 100 nF capacitor.
7 and 21
AVDD2
5 V Power Supply. Pin 7 should be decoupled to AGND3 (Pin 8) with a 100 nF capacitor. Pin 21 should be
decoupled to AGND1 (Pin 23) with a 100 nF capacitor.
28
AVDD3
3.3 V to 5 V Power Supply for Differential Amplifier. This pin should be decoupled to the ground plane with a
100 nF capacitor.
25
AVDD4
3.3 V to 5 V Power Supply for Reference Buffer. This pin should be decoupled to AGND1 (Pin 23) with a 100 nF
capacitor.
17
DVDD
2.5 V Power Supply for Digital Circuitry and FIR Filter. This pin should be decoupled to the ground plane with
a 100 nF capacitor.
22
RBIAS
Bias Current Setting Pin. A resistor must be inserted between this pin and AGND. For more details, see the
Bias Resistor Selection section.
23
AGND1
Power Supply Ground for Analog Circuitry.
20
AGND2
Power Supply Ground for Analog Circuitry.
8
AGND3
Power Supply Ground for Analog Circuitry.
26
REFGND
Reference Ground. Ground connection for the reference voltage.
27
VREF+
Reference Input.
1
VINA−
Negative Input to Differential Amplifier.
2
VOUTA+
Positive Output from Differential Amplifier.
3
VINA+
Positive Input to Differential Amplifier.
4
VOUTA−
Negative Output from Differential Amplifier.
5
VIN−
Negative Input to the Modulator.
6
VIN+
Positive Input to the Modulator.
9
OVERRANGE
Overrange Pin. This pin outputs a logic high to indicate that the user has applied an analog input that is
approaching the limit of the analog input to the modulator.
10
SCO
Serial Clock Out. This clock signal is derived from the internal ICLK signal. The frequency of this clock is equal
to ICLK. See the Clocking the AD7765 section for further details.
11
FSO
Frame Sync Out. This signal frames the serial data output and is 32 SCO periods wide.
12
SDO
Serial Data Out. Data and status are output on this pin during each serial transfer. Each bit is clocked out on an
SCO rising edge and is valid on the falling edge. See the AD7765 Interface section for further details.
13
SDI
Serial Data In. The first data bit (MSB) must be valid on the next SCO falling edge after the FSI event is latched.
32 bits are required for each write; the first 16-bit word contains the device and register address and the
second word contains the data. See the AD7765 Interface section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com