Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices AD7765 Datasheet HTML 22Page - Analog Devices AD7765 Datasheet HTML 23Page - Analog Devices AD7765 Datasheet HTML 24Page - Analog Devices AD7765 Datasheet HTML 25Page - Analog Devices AD7765 Datasheet HTML 26Page - Analog Devices AD7765 Datasheet HTML 27Page - Analog Devices AD7765 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7765
Rev. 0 | Page 24 of 32
CLOCKING THE AD7765
The AD7765 requires an external low jitter clock source. This
signal is applied to the MCLK pin. An internal clock signal
(ICLK) is derived from the MCLK input signal. The ICLK
controls the internal operation of the AD7765. The maximum
ICLK frequency is
20 MHz. To generate the ICLK
ps
470
10
10
2
.
19
2
256
45
.
5
3
)
(
=
×
×
×
π
×
=
rms
j
t
The input amplitude also has an effect on these jitter figures.
For example, if the input level is 3 dB below full-scale, the
allowable jitter is increased by a factor of √2, increasing the first
example to 57.75 ps rms. This happens when the maximum
slew rate is decreased by a reduction in amplitude.
ICLK
= MCLK/2
For output data rates equal to those used in audio systems, a
12.288 MHz ICLK frequency can be used. As shown in Table 6,
output data rates of 96 kHz and 48 kHz are achievable with this
ICLK frequency.
Figure 38 and Figure 39 illustrate this point, showing the
maximum slew rate of a sine wave of the same frequency, but
with different amplitudes.
MCLK JITTER REQUIREMENTS
1.0
–1.0
0.5
0
–0.5
The MCLK jitter requirements depend on a number of factors
and are given by
20
)
(
10
2
)
(
dB
SNR
f
OSR
t
IN
rms
j
×
×
π
×
=
where:
OSR
= oversampling ratio = fICLK/ODR.
fIN
= maximum input frequency.
SNR(dB)
= target SNR.
Example 1
This example can be taken from Table 6, where:
ODR
= 156.25 kHz.
fICLK
= 20 MHz.
fIN
(max) = 78.625 kHz.
SNR
= 104 dB.
Figure 38. Maximum Slew Rate of Sine Wave
with Amplitude of 2 V p-p
1.0
–1.0
0.5
0
–0.5
ps
t
rms
j
29
.
102
10
10
625
.
78
2
128
35
.
5
3
)
(
=
×
×
×
π
×
=
This is the maximum allowable clock jitter for a full-scale,
78.625 kHz input tone with the given ICLK and output
data rate.
Example 2
Take a second example for Table 6, where:
ODR
= 48 kHz.
fICLK
= 12.288 MHz.
fIN
(max) = 19.2 kHz.
SNR
= 109 dB.
Figure 39. Maximum Slew Rate of Same Frequency Sine Wave
with Amplitude of 1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com