Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices AD7765 Datasheet HTML 22Page - Analog Devices AD7765 Datasheet HTML 23Page - Analog Devices AD7765 Datasheet HTML 24Page - Analog Devices AD7765 Datasheet HTML 25Page - Analog Devices AD7765 Datasheet HTML 26Page - Analog Devices AD7765 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD7765
Rev. 0 | Page 23 of 32
WRITING DATA IN DAISY-CHAIN MODE
Writing to AD7765 devices in daisy-chain mode is similar to
writing to a single device. The serial writing operation is
synchronous to the SCO signal. The status of the frame synchro-
nization input, FSI, is checked on the falling edge of the SCO
signal. If the FSI line is low, then the first data bit on the serial
data in the SDI line is latched in on the next SCO falling edge.
Writing data to the AD7765 in daisy-chain mode operates with
the same timing structure as writing to a single device (see
Figure 3). The difference between writing to a single device
and writing to a number of daisy-chained devices is in the
implementation of the FSI signal. The number of devices that
are in the daisy chain determines the period for which the FSI
signal must remain logic low. To write to n number of devices
in the daisy chain, the period between the falling edge of FSI
and the rising edge of FSI must be between 32 × (n−1) to 32 × n
SCO periods. For example, if three AD7765 devices are being
written to in daisy-chain mode, FSI is logic low for between
32 × (3−1) to 32 × 3 SCO pulses. This means that the rising
edge of FSI must occur between the 64th and 96th SCO period.
The AD7765 devices can be written to at any time. The falling
edge of FSI overrides all attempts to read data from the SDO
pin. In the case of a daisy chain, the FSI signal remaining logic
low for more than 32 SCO periods indicates to the AD7765
device that there are more devices further on in the chain. This
means the AD7765 directs data that is input on the SDI pin to
its SDO pin. This ensures that data is passed to the next device
in the chain,
SYNC
SDI
FSI
SDO
MCLK
AD7765
(D)
FSI
SYNC
MCLK
SYNC
SDI
FSI
SDO
MCLK
AD7765
(C)
SYNC
SDI
FSI
SDO
MCLK
AD7765
(B)
SYNC
SDI
FSI
MCLK
AD7765
(A)
SDO
FSO
SDI
Figure 36. Writing to AD7765 Daisy-Chain Configuration
FSI
SCO
SDI (D)
SDI (C) = SDO (D)
SDI (B) = SDO (C)
SDI (A) = SDO (B)
SDI (D)
SDI (C)
SDI (B)
SDI (A)
32 ×
tSCO
32 ×
tSCO
32 ×
tSCO
31 ×
tSCO
t10
Figure 37. Daisy-Chain Write Timing Diagram. Writing to Four AD7765 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com